Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC595APW Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # 74LVC595APW
Description  8-bit serial-in/serial-out or parallel-out shift register; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC595APW Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button 74LVC595APW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC595APW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC595APW Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC595APW Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC595APW Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC595APW Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC595APW Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC595APW Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC595APW Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Nexperia
74LVC595A
8-bit serial-in/serial-out or parallel-out shift register; 3-state
mna561
MR input
SHCP input
Q7S output
tPHL
tW
trec
VM
VOH
VOL
VI
GND
VI
GND
VM
VM
Measurement points are given in Table 8.
VOL and VOH are typical output voltage drops that occur with the output load.
Fig. 11. The master reset (MR) pulse width, the master reset to serial data output (Q7S) propagation delays and
the master reset to shift clock (SHCP) recovery time
001aae821
tPLZ
tPHZ
outputs
disabled
outputs
enabled
VY
VX
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
OE input
VI
VCC
VM
VOL
VOH
GND
GND
tPZL
tPZH
VM
VM
Measurement points are given in Table 8.
VOL and VOH are typical output voltage drops that occur with the output load.
Fig. 12. 3-state enable and disable times
Table 8. Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
VY
VCC < 2.7 V
0.5 × VCC
0.5 × VCC
VOL + 0.15 V
VOH - 0.15 V
VCC ≥ 2.7 V
1.5 V
1.5 V
VOL + 0.3 V
VOH - 0.3 V
74LVC595A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 3 — 19 November 2021
11 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com