Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC595APW Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC595APW
Description  8-bit serial-in/serial-out or parallel-out shift register; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC595APW Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC595APW Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC595APW Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC595APW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC595APW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC595APW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC595APW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC595APW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC595APW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC595APW Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Nexperia
74LVC595A
8-bit serial-in/serial-out or parallel-out shift register; 3-state
4. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range
Name
Description
Version
74LVC595AD
-40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74LVC595APW
-40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74LVC595ABQ
-40 °C to +125 °C
DHVQFN16 plastic dual in-line compatible thermal
enhanced very thin quad flat package; no leads;
16 terminals; body 2.5 × 3.5 × 0.85 mm
SOT763-1
5. Functional diagram
OE
MR
9
15
1
2
3
4
5
6
7
13
10
14
11
12
mna552
Q1
Q0
Q2
Q3
Q4
Q5
Q6
Q7
Q7S
DS
STCP
SHCP
Fig. 1. Logic symbol
mna554
3-STATE OUTPUTS
8-BIT STORAGE REGISTER
8-STAGE SHIFT REGISTER
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
Q7S
14
15 1
2
3
4
5
6
7
9
DS
SHCP
STCP
OE
11
10
12
13
MR
Fig. 2. Functional diagram
74LVC595A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 3 — 19 November 2021
2 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com