Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0895B Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0895B
Description  Crystal Unit SMD 3.2x2.5 16.00MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0895B Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TZ0895B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0895B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0895B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0895B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0895B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0895B Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0895B Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3/7
TAI-SAW TECHNOLOGY CO., LTD.
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
Crystal Unit SMD 3.2x2.5 16.00MHz
MODEL NO.: TZ0895B
REV. NO.: 3
Features:
Surface Mount Hermetic Package
Excellent Reliability Performance
Good Frequency Perturbation and Stability over temperature
Ultra Miniature Package
Moisture Sensitivity Level (MSL) : Level-1
Description and Applications:
Surface mount 3.2mmx2.5mm crystal unit for customer for use in wireless communications
devices, especially for a need of ultra miniature package for mobility.
Electrical Specifications:
TZ0895B
Specification
Nominal Frequency
16.000000 MHz
Mode of Oscillation
Fundamental
Storage Temperature Range
-40
°C to +125°C
Operating Temperature Range
-40
°C to +105°C
Frequency Stability over Operating
Temperature
+/- 15 ppm (referred to the value at 25
°C) -40°C to +85°C
+/- 20 ppm (referred to the value at 25
°C) -40°C to +105°C
Frequency Make Tolerance (FL)
+/- 10 ppm @ 25
°C +/- 3°C
Equivalent Series Resistance (ESR)
60
Ω max.
Nominal Drive Level
10uW typical and 100uW max
Shunt Capacitance (Co)
3.0 pF max
Load Capacitance (CL)
9 pF
Aging
+/-2ppm/year
Insulation Resistance
500 M
Ω min./DC 100V
Marking
Laser Marking
Unit Weight
0.017+/-0.005 g
RoHS Compliant
Lead free
Lead-free soldering



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com