Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0895B Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0895B
Description  Crystal Unit SMD 3.2x2.5 16.00MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0895B Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TZ0895B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0895B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0895B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0895B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0895B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0895B Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0895B Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description: Crystal Unit SMD 3.2x2.5 16.00MHz
TST Part No.: TZ0895B
Customer Part No.:
Checked by:
Yifan Chen
Approved by:
Kelly Huang
Date:
04/03/2018
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.
Customer signature required
Company:
Division:
Approved by :
Date:


Similar Part No. - TZ0895B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0895A TAI-SAW-TZ0895A Datasheet
304Kb / 7P
Crystal Unit SMD 3.2x2.5 16.0MHz
REV. NO.: 2
More results

Similar Description - TZ0895B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0233A TAI-SAW-TZ0233A Datasheet
165Kb / 7P
Crystal Unit SMD 3.2x2.5 16.00MHz
REV. NO.: 7
TZ0308D TAI-SAW-TZ0308D Datasheet
146Kb / 7P
Crystal Unit SMD 3.2x2.5 40.000MHz
REV. NO.: 1
TZ0329A TAI-SAW-TZ0329A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 6
TZ0342A TAI-SAW-TZ0342A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 14.7456MHz
REV. NO.: 5
TZ0348A TAI-SAW-TZ0348A Datasheet
120Kb / 7P
Crystal Unit SMD 3.2x2.5 16.00MHz
REV. NO.: 5
TZ0378A TAI-SAW-TZ0378A Datasheet
127Kb / 8P
Crystal Unit SMD 3.2x2.5 49.09MHz
REV. NO.: 5
TZ0392A TAI-SAW-TZ0392A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 15.3600MHz
REV. NO.: 4
TZ0738C TAI-SAW-TZ0738C Datasheet
439Kb / 8P
Crystal Unit SMD 3.2x2.5 16.00MHz
REV. NO.: 1
TZ1504A TAI-SAW-TZ1504A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 16.00MHz
REV. NO.: 2
TZ2012A TAI-SAW-TZ2012A Datasheet
420Kb / 8P
Crystal Unit SMD 3.2x2.5 16.00MHz
REV. NO.: 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com