Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0901A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0901A
Description  SMD 4.0x2.5 12.0MHz Crystal Unit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0901A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TZ0901A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0901A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0901A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0901A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0901A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SMD 4.0x2.5 12.0MHz Crystal Unit
MODEL NO.: TZ0901A
REV. NO.: 1
Features:
Surface Mount Seam Weld Package
Excellent Reliability Performance
Good Frequency Perturbation and Stability over Temperature
Ultra Miniature Package
Description and Applications:
Surface mount 4.0mmx2.5mm crystal unit for use in wireless telecommunications devices,
especially for a need of ultra miniature package for mobility.
Electrical Specifications:
TZ0901A
Specification
Nominal Frequency
12.000000 MHz
Mode of Oscillation
Fundamental
Storage Temperature Range
-40
°C to +85°C
Operating Temperature Range
-10
°C to +60°C
Frequency Stability over Operating
Temperature Range
+/-10 ppm (referred to the value at 25
°C)
Frequency Make Tolerance (FL)
+/-10 ppm @ 25
°C +/- 3°C
Equivalent Series Resistance (ESR)
80
Ω max.
Nominal Drive Level
10 uW
Shunt Capacitance (Co)
2.0 pF max
Load Capacitance (CL)
12.5 pF
Marking
Laser Marking
RoHS Compliant
Lead free
Lead-free soldering



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com