Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0901A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0901A
Description  SMD 4.0x2.5 12.0MHz Crystal Unit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0901A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TZ0901A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0901A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0901A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0901A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0901A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-01
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date: 5/4/2006 (REV. NO: 1)
Product Name: SMD 4.0x2.5 12.0MHz Crystal Unit
TST Parts No.: TZ0901A
Customer Parts No :
Company:
Division:
Approved by:
Date:
Checked by:
Kelly Huang
Approval by:
TF Yang
Date:
5/4/2006


Similar Part No. - TZ0901A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0900A TAI-SAW-TZ0900A Datasheet
195Kb / 5P
SMD 5.0x3.2 20.000MHz Crystal Unit
REV. NO.: 1
TZ0902A TAI-SAW-TZ0902A Datasheet
343Kb / 7P
SMD 2.5x2.0 52.4288MHz Crystal Unit
REV. NO.: 1
TZ0906A TAI-SAW-TZ0906A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 38.4000MHz
REV. NO.: 3
TZ0907A TAI-SAW-TZ0907A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 3
TZ0908A TAI-SAW-TZ0908A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 26.0000MHz
REV. NO.: 4
More results

Similar Description - TZ0901A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0175A TAI-SAW-TZ0175A Datasheet
226Kb / 5P
SMD 4.0x2.5 12.0MHz Crystal Unit
REV. NO.: 8
TZ0215A TAI-SAW-TZ0215A Datasheet
231Kb / 5P
SMD 4.0x2.5 12.0MHz Crystal Unit
REV. NO.: 1
TZ0305A TAI-SAW-TZ0305A Datasheet
243Kb / 5P
SMD 4.0x2.5 12.0MHz Crystal Unit
REV. NO.: 2
TZ0420A TAI-SAW-TZ0420A Datasheet
208Kb / 5P
SMD 4.0x2.5 12.0MHz Crystal Unit
REV. NO.: 2
TZ0433A TAI-SAW-TZ0433A Datasheet
226Kb / 5P
SMD 4.0x2.5 12.0MHz Crystal Unit
REV. NO.: 1
TZ0449A TAI-SAW-TZ0449A Datasheet
225Kb / 5P
SMD 4.0x2.5 12.0MHz Crystal Unit
REV. NO.: 3
TZ0457A TAI-SAW-TZ0457A Datasheet
233Kb / 5P
SMD 4.0x2.5 12.0MHz Crystal Unit
REV. NO.: 1
TZ0809A TAI-SAW-TZ0809A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 12.0MHz
REV. NO.: 4
TZ0810A TAI-SAW-TZ0810A Datasheet
231Kb / 5P
SMD 4.0x2.5 12.0MHz Crystal Unit
REV. NO.: 3
TZ2094A TAI-SAW-TZ2094A Datasheet
173Kb / 8P
Crystal Unit SMD 2.5x2.0 12.0MHz
REV. NO.: 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com