Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0909D Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0909D
Description  Crystal Unit SMD 2.5x2.0 38.4MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0909D Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TZ0909D Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0909D Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0909D Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0909D Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0909D Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0909D Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0909D Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0909D Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
TAI-SAW TECHNOLOGY CO., LTD.
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
Crystal Unit SMD 2.5x2.0 38.4MHz
MODEL NO.: TZ0909D
REV. NO.: 1
Features:
Surface Mount Hermetic Package
Excellent Reliability Performance
Good Frequency Perturbation and Stability over temperature
Ultra Miniature Package
Description and Applications:
Surface mount 2.5mmx2.0mm crystal unit for use in wireless communications devices,
especially for a need of ultra miniature package for mobility.
Electrical Specifications:
TZ0909D
Specification
Nominal Frequency
38.400000 MHz
Mode of Oscillation
Fundamental
Storage Temperature Range
-40
C to +125C
Operating Temperature Range
-40
C to +85C
Frequency Stability over Operating
Temperature Range
+/-20 ppm (referred to the value at 25
C)
Frequency Make Tolerance (FL)
+/-10 ppm @ 25
C +/- 3C
Equivalent Series Resistance (ESR)
40
 max
Nominal Drive Level
10uW typical and 100uW max..
Shunt Capacitance (Co)
3.0 pF max
Load Capacitance (CL)
10 pF
Trim sensitivity
14.0 ppm/pF typical
Insulation Resistance
500 M
 min./DC 100V
Marking
Laser Marking
Unit Weight
9.5 +/-0.5mg
RoHS Compliant
Lead free
Lead-free soldering



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com