Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0909D Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0909D
Description  Crystal Unit SMD 2.5x2.0 38.4MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0909D Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TZ0909D Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0909D Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0909D Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0909D Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0909D Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0909D Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0909D Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0909D Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description: Crystal Unit SMD 2.5x2.0 38.4MHz
TST Part No.: TZ0909D
Customer Part No.:
Checked by:
Glen Peng
Approved by:
Kelly Huang
Date:
04/02/2015
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.
Customer signature required
Company:
Division:
Approved by :
Date:


Similar Part No. - TZ0909D

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0909C TAI-SAW-TZ0909C Datasheet
182Kb / 8P
Crystal Unit SMD 2.5x2.0 38.4MHz
REV. NO.: 2
TZ0909E TAI-SAW-TZ0909E Datasheet
7Mb / 8P
Your Best Partner For Frequency Devices
More results

Similar Description - TZ0909D

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0792DA1242 TAI-SAW-TX0792DA1242 Datasheet
261Kb / 8P
TCXO SMD 2.5x2.0 38.4MHz
REV. NO.: 1
TZ0909C TAI-SAW-TZ0909C Datasheet
182Kb / 8P
Crystal Unit SMD 2.5x2.0 38.4MHz
REV. NO.: 2
TZ1612A TAI-SAW-TZ1612A Datasheet
341Kb / 7P
SMD 2.5x2.0 38.4MHz Crystal Unit
REV. NO.: 1
TZ2081A TAI-SAW-TZ2081A Datasheet
164Kb / 8P
Crystal Unit SMD 2.5x2.0 38.4MHz
REV. NO.: 1
TZ2205B TAI-SAW-TZ2205B Datasheet
176Kb / 8P
Crystal Unit SMD 2.0x1.6 38.4MHz
REV. NO.: 4.0
TZ2205C TAI-SAW-TZ2205C Datasheet
192Kb / 8P
Crystal Unit SMD 2.0x1.6 38.4MHz
REV. NO.: 1
TZ2324B TAI-SAW-TZ2324B Datasheet
165Kb / 8P
Crystal Unit SMD 2.0x1.6 38.4MHz
REV. NO.: 3.0
TZ2325B TAI-SAW-TZ2325B Datasheet
181Kb / 8P
Crystal Unit SMD 1.6x1.2 38.4MHz
REV. NO.: 1
TZ2378A TAI-SAW-TZ2378A Datasheet
272Kb / 7P
Crystal Unit SMD 1.6x1.2 38.4MHz
REV. NO.: 1.0
TZ2513A TAI-SAW-TZ2513A Datasheet
168Kb / 8P
Crystal Unit SMD 2.5x2.0 38.4MHz
REV. NO.: 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com