Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ0944A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ0944A
Description  Crystal Unit SMD 3.2x2.5 14.7456MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TZ0944A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TZ0944A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0944A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0944A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0944A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0944A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0944A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TZ0944A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description: Crystal Unit SMD 3.2x2.5 14.7456MHz
TST Part No.: TZ0944A
Customer Part No.:
Checked by:
Kelly Huang
Approved by:
Robert Chang
Date:
6/29/2009
1. Customer signed back is required before TST can proceed with sample build and receive orders.
2. Orders received without customer signed back will be regarded as agreement on the specifications.
3. Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.
Customer signature required
Company:
Division:
Approved by :
Date:


Similar Part No. - TZ0944A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0948A TAI-SAW-TZ0948A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 22.1184MHz
REV. NO.:2
More results

Similar Description - TZ0944A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0342A TAI-SAW-TZ0342A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 14.7456MHz
REV. NO.: 5
TZ0597A TAI-SAW-TZ0597A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 14.7456MHz
REV. NO.: 4
TZ0656A TAI-SAW-TZ0656A Datasheet
192Kb / 5P
SMD 5.0x3.2 14.7456MHz Crystal Unit
REV. NO.: 1
TZ0754A TAI-SAW-TZ0754A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 14.7456MHz
REV. NO.: 4
TZ0802A TAI-SAW-TZ0802A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 14.7456MHz
REV. NO.: 3
TZ1012A TAI-SAW-TZ1012A Datasheet
300Kb / 7P
Crystal Unit SMD 3.2x2.5 14.7456MHz
REV. NO.:2
TZ1060A TAI-SAW-TZ1060A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 14.7456MHz
REV. NO.:2
TZ1200A TAI-SAW-TZ1200A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 14.7456MHz
REV. NO.:2
TZ1503A TAI-SAW-TZ1503A Datasheet
439Kb / 7P
SMD 3.2x2.5 14.7456MHz Crystal Unit
REV. NO.: 3
TZ2631A TAI-SAW-TZ2631A Datasheet
128Kb / 8P
Crystal Unit SMD 3.2x2.5 14.7456MHz
REV. NO.: 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com