Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8104 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8104
Description  RS-232/422 Low Cap, #24-4pr, FPO, O/A FoilBraid, PVC Jkt, CM, 100Ω
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8104 Datasheet(HTML) 1 Page - Belden Inc.

  8104 Datasheet HTML 1Page - Belden Inc. 8104 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8104
RS-232/422 Low Cap, #24-4pr, FPO, O/A Foil+Braid, PVC Jkt, CM, 100Ω
Product Description
Computer EIA RS-232/422 Cable, 24 AWG stranded (7x32) tinned copper conductors, Datalene® insulation, twisted pairs, overall Beldfoil® (100% coverage) +
tinned copper braid shield (65% coverage), 24 AWG stranded tinned copper drain wire, PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
rs-232 extended distance applications; rs-422 applications; computer communications; low voltage analog signals (4-20ma, 0-10v, ...); low voltage digital control (24v, …); line
level audio; panel wiring
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
4
24 AWG 7x32
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Pair(s)
PE - Polyethylene (Foam) 0.013 in (0.33 mm) 0.049 in (1.2 mm)
Western Electric Standard
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
24 AWG (7x32) TC
Braid
Tinned Copper (TC)
65%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.035 in (0.89 mm) 0.279 in (7.09 mm)
Overall Cable Diameter
(Nominal):
0.279 in (7.09 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor
DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other (Conds +
Shield)
Nom. Characteristic
Impedence
Nom. Velocity of
Prop.
Max. Current
Pair(s)
24 Ohm/1000ft
12.5 pF/ft (41.0 pF/m)
22 pF/ft (72 pF/m)
100 Ohm
78%
1.5 Amps per Conductor at
25ºC
Voltage
UL Voltage Rating
300 V (CM), 30 V (UL AWM 2919)
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C
-30°C to +80°C


Similar Part No. - 8104

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
8104 LSI-8104 Datasheet
1Mb / 172P
Gigabit Ethernet Controller
logo
Filtran LTD
8104 FILTRAN-8104 Datasheet
84Kb / 1P
T1/CEPT ISDN PRI Transformers
logo
List of Unclassifed Man...
8104 ETC2-8104 Datasheet
100Kb / 3P
24 AWG stranded (7x32) TC conductors, Datalene insulation
8104 ETC2-8104 Datasheet
365Kb / 2P
Low Capacitance for EIA RS-232 and EIA RS-422 Applications
logo
Keystone Electronics Co...
8104 KEYSTONE-8104 Datasheet
279Kb / 1P
METAL CABLE CLAMPS
31-07 20th
More results

Similar Description - 8104

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8102 BELDEN-8102 Datasheet
195Kb / 2P
RS232/422 Low Cap, #24-2pr, FPO, O/A FoilBraid, PVC Jkt, CM, 100Ω
01-20-2023
8106 BELDEN-8106 Datasheet
204Kb / 2P
RS232/422 Low Cap, #24-6pr, FPO, O/A FoilBraid, PVC Jkt, CM, 100Ω
01-20-2023
8164 BELDEN-8164 Datasheet
206Kb / 2P
RS232/422 Low Cap, #24-4pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
01-20-2023
9831 BELDEN-9831 Datasheet
163Kb / 2P
RS232/422 Low Cap, #24-4pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
05-05-2023
8105 BELDEN-8105 Datasheet
201Kb / 2P
RS-232/422 Low Cap, #24-5pr, FPO, O/A FoilBraid, PVC Jkt, CM, 100Ω
01-20-2023
9933 BELDEN-9933 Datasheet
199Kb / 2P
RS-232/423 Low Cap, #24-8c, FPO, O/A FoilBraid, PVC Jkt, CM
01-20-2023
8112 BELDEN-8112 Datasheet
219Kb / 2P
RS-232/422 Low Cap, #24-12.5pr, FPO, O/A FoilBraid, PVC Jkt, CMG, 100Ω
01-20-2023
8108 BELDEN-8108 Datasheet
208Kb / 2P
RS-232/422 Low Cap, #24-8pr, FPO, O/A FoilBraid, PVC Jkt, CM, 100Ω
01-20-2023
8163 BELDEN-8163 Datasheet
203Kb / 2P
RS-232/422 Low Cap, #24-3pr, FPO, Indiv.& O/A FoilsBraid, PVC Jkt, CM,100Ω
01-20-2023
8107 BELDEN-8107 Datasheet
207Kb / 2P
RS-232/422 Low Cap, #24-7pr, FPO, O/A FoilBraid, PVC Jkt, CM, 100Ω
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com