Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8304 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8304
Description  RS-232, Low Cap, #22-4pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8304 Datasheet(HTML) 1 Page - Belden Inc.

  8304 Datasheet HTML 1Page - Belden Inc. 8304 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8304
RS-232, Low Cap, #22-4pr, SR-PVC, O/A Foil+Braid, PVC Jkt, CMG
Product Description
Computer EIA RS-232 Cable, 22 AWG stranded (7x30) tinned copper conductors, semi-rigid PVC insulation, 4 twisted pairs, overall Beldfoil® (100% coverage)
+ tinned copper braid shield (65% coverage), PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
RS-232 Extended Distance Applications; Computer Communications; Low Voltage Analog Signals (4-20ma, 0-10v, ...); Low Voltage Digital Control (24v, …); Line Level Audio;
Panel Wiring
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
4
22 AWG 7x30
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Pair(s)
SR-PVC - Polyvinyl Chloride (Semi-Rigid) 0.011 in (0.28 mm) 0.051 in (1.3 mm)
Black & Red, Black & White, Black & Green, Black & Blue
Outer Shield
Shield Type
Material
Coverage
Tape
Bi-Laminate (Alum+Poly) 100%
Braid
Tinned Copper (TC)
65%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.045 in (1.1 mm) 0.320 in (8.13 mm)
Overall Cable Diameter
(Nominal):
0.320 in (8.13 mm)
Electrical Characteristics
Electricals
Element Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield) Nom. Velocity of Prop.
Max. Current
Pair(s)
18.2 Ohm/1000ft
35 pF/ft (110 pF/m)
63 pF/ft (210 pF/m)
60%
2.2 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V (CMG), 300 V (UL AWM 2464)
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C
-30°C to +80°C
Bend Radius


Similar Part No. - 8304

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8304 IDT-8304 Datasheet
154Kb / 11P
Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
logo
V-COIL THREAD SYSTEM
8304 V-COIL-8304 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Abbatron All Rights Res...
8304 ABBATRON-8304 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Renesas Technology Corp
8304-01 RENESAS-8304-01 Datasheet
319Kb / 11P
Low Skew, 1-TO-4 LVCMOS / LVTTL Inverting Fanout Buffer
REVISION D 5/9/16
logo
Molex Electronics Ltd.
8304-2 MOLEX11-8304-2 Datasheet
16Kb / 1P
Conductor Punch
More results

Similar Description - 8304

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8302 BELDEN-8302 Datasheet
246Kb / 2P
RS-232, Low Cap, #22-2pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
8306 BELDEN-8306 Datasheet
153Kb / 2P
RS-232, Low Cap, #22-6pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8315 BELDEN-8315 Datasheet
212Kb / 2P
RS-232, Low Cap, #22-15pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8308 BELDEN-8308 Datasheet
209Kb / 2P
RS-232, Low Cap, #22-8pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
9944 BELDEN-9944 Datasheet
214Kb / 2P
RS-232, #22-8c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
04-19-2023
8307 BELDEN-8307 Datasheet
151Kb / 2P
RS-232, Low Cap, #22-7pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8325 BELDEN-8325 Datasheet
215Kb / 2P
RS-232, Low Cap, #22-25pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8312 BELDEN-8312 Datasheet
211Kb / 2P
RS-232, Low Cap, #22-12pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8318 BELDEN-8318 Datasheet
171Kb / 2P
RS-232, Low Cap, #22-18pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8305 BELDEN-8305 Datasheet
215Kb / 2P
RS-232, Low Cap, #22-5pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
12-19-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com