Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8876MN Datasheet(PDF) 1 Page - Belden Inc.

Part # 8876MN
Description  SpaceMaker™, 5 C #20 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8876MN Datasheet(HTML) 1 Page - Belden Inc.

  8876MN Datasheet HTML 1Page - Belden Inc. 8876MN Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8876MN
SpaceMaker™, 5 C #20 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
Product Description
SpaceMaker™, 5 Conductor 20AWG (26x34) Tinned Copper, PO Insulation, Overall Beldfoil® Shield, PVC Outer Jacket, AWM 2937
Technical Specifications
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 5
20 AWG 26x34
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) PP - Polypropylene 0.01 in (0.25 mm) 0.057 in (1.4 mm)
Black, White, Red, Green, Brown
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
20 AWG (7x28) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.016 in (0.41 mm) 0.190 in
Overall Cable Diameter (Nominal): 0.190 in
Electrical Characteristics
Electricals
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Shield Nom. Characteristic Impedence
Max. Current
11.2 Ohm/1000ft
15.7 pF/ft (51.5 pF/m)
61.3 pF/ft (201 pF/m)
47 Ohm
3.04 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C
-20°C To +80°C
Bend Radius
Stationary Min.
Installation Min.
0.760 in (19.3 mm) 0.760 in
Max. Pull Tension:
77.6 lbs (35.2 kg)
Bulk Cable Weight:
29 lbs/1000ft
Standards and Compliance


Similar Part No. - 8876MN

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
8876-0-00-XX-00-00-03-0 MILL-MAX-8876-0-00-XX-00-00-03-0 Datasheet
210Kb / 1P
PRINTED CIRCUIT PINS
logo
Belden Inc.
88760 BELDEN-88760 Datasheet
212Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, OS, FEP Jkt, CMP
04-19-2023
88760.002100 BELDEN-88760.002100 Datasheet
212Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, OS, FEP Jkt, CMP
04-19-2023
88760.0021000 BELDEN-88760.0021000 Datasheet
212Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, OS, FEP Jkt, CMP
04-19-2023
88760.00210000 BELDEN-88760.00210000 Datasheet
212Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, OS, FEP Jkt, CMP
04-19-2023
More results

Similar Description - 8876MN

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8762MN BELDEN-8762MN Datasheet
166Kb / 2P
SpaceMaker™, 2 C #20 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8878MN BELDEN-8878MN Datasheet
189Kb / 2P
SpaceMaker™, 9 C #20 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8881MN BELDEN-8881MN Datasheet
188Kb / 2P
SpaceMaker™, 15 C #20 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8772MN BELDEN-8772MN Datasheet
175Kb / 2P
SpaceMaker™, 3 C #20 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8880MN BELDEN-8880MN Datasheet
193Kb / 2P
SpaceMaker™, 12 C #20 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8870MN BELDEN-8870MN Datasheet
185Kb / 2P
SpaceMaker™, 5 C #18 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
9445MN BELDEN-9445MN Datasheet
176Kb / 2P
SpaceMaker™, 5 C #20 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
8877MN BELDEN-8877MN Datasheet
188Kb / 2P
SpaceMaker™, 7 C #20 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
9455MN BELDEN-9455MN Datasheet
179Kb / 2P
SpaceMaker™, 9 C #20 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
8882MN BELDEN-8882MN Datasheet
185Kb / 2P
SpaceMaker™, 5 C #22 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com