Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8885MN Datasheet(PDF) 1 Page - Belden Inc.

Part # 8885MN
Description  SpaceMaker™, 12 C #22 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8885MN Datasheet(HTML) 1 Page - Belden Inc.

  8885MN Datasheet HTML 1Page - Belden Inc. 8885MN Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8885MN
SpaceMaker™, 12 C #22 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
Product Description
SpaceMaker™, 12 Conductor 22AWG (19x34) Tinned Copper, PO Insulation, Overall Beldfoil® Shield, PVC Outer Jacket, AWM 2937
Technical Specifications
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Conductor(s) 12
22 AWG 19x34
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Conductor(s) PP - Polypropylene 0.016 in (0.41 mm) 0.050 in (1.3 mm)
Black, White, Red, Green, Brown, Blue, Orange, Yellow, Purple, Gray, Pink, Tan
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
22 AWG (19x34) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.016 in (0.41 mm) 0.244 in
Overall Cable Diameter (Nominal): 0.244 in
Electrical Characteristics
Electricals
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Shield Nom. Characteristic Impedence
Max. Current
18.1 Ohm/1000ft
33.0 pF/ft (108 pF/m)
66.0 pF/ft (217 pF/m)
22 Ohm
2.03 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C
-20°C To +80°C
Bend Radius
Stationary Min.
Installation Min.
0.980 in (24.9 mm) 0.980 in
Max. Pull Tension:
114 lbs (51.7 kg)
Bulk Cable Weight:
44 lbs/1000ft
Standards and Compliance


Similar Part No. - 8885MN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8885 ETC2-8885 Datasheet
326Kb / 1P
INSULATED PC SPACERS/SUPPORTS
logo
Heyco.
8885 HEYCO-8885 Datasheet
184Kb / 1P
Heyco® Self-Closing Braided Sleeving
More results

Similar Description - 8885MN

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8761MN BELDEN-8761MN Datasheet
167Kb / 2P
SpaceMaker™, 2 C #22 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8457MN BELDEN-8457MN Datasheet
185Kb / 2P
SpaceMaker™, 12 C #22 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
8771MN BELDEN-8771MN Datasheet
175Kb / 2P
SpaceMaker™, 3 C #22 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8883MN BELDEN-8883MN Datasheet
188Kb / 2P
SpaceMaker™, 7 C #22 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8880MN BELDEN-8880MN Datasheet
193Kb / 2P
SpaceMaker™, 12 C #20 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8884MN BELDEN-8884MN Datasheet
189Kb / 2P
SpaceMaker™, 9 C #22 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
9423MN BELDEN-9423MN Datasheet
179Kb / 2P
SpaceMaker™, 9 C #22 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
8873MN BELDEN-8873MN Datasheet
193Kb / 2P
SpaceMaker™, 12 C #18 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8882MN BELDEN-8882MN Datasheet
185Kb / 2P
SpaceMaker™, 5 C #22 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
8886MN BELDEN-8886MN Datasheet
191Kb / 3P
SpaceMaker™, 15 C #22 Str TC, PO Ins, OS, PVC Jkt, AWM 2937
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com