Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9535ELW Datasheet(PDF) 1 Page - Belden Inc.

Part # 9535ELW
Description  RS-232, 5C #24 str TC, LSZH ins, OS, LSZH Jkt, Cca
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9535ELW Datasheet(HTML) 1 Page - Belden Inc.

  9535ELW Datasheet HTML 1Page - Belden Inc. 9535ELW Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9535ELW
RS-232, 5C #24 str TC, LSZH ins, OS, LSZH Jkt, Cca
Product Description
24 AWG stranded (7x32) tinned copper conductors, 5 conductors cabled, LSZH insulation, overall Beldfoil® shield (100% coverage), 24 AWG stranded tinned
copper drain wire, LSZH jacket, Cca
Technical Specifications
Product Overview
Suitable Applications:
RS-232 Applications; Computer Communications; Low Voltage Analog Signals (4-20mA, 0-10V, ...); Low Voltage Digital Control (24V, …); Line Level
Audio; Panel Wiring
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Conductors
24
7x32
TC - Tinned Copper 5
Insulation
Material
Nominal Diameter Diameter +/- Tolerance
LSZH - Low Smoke Zero Halogen (Flame Retardant) 1.25 mm
0.05 mm
Outer Shield
Type
Material
Material Trade Name Drainwire AWG
Tape Bi-Laminate (Alum+Poly) Beldfoil®
AWG24/7
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness
LSZH - Low Smoke Zero Halogen (Flame Retardant) 6 mm
1.20 mm
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR Nominal Outer Shield DCR
82 Ohm/km
59.1 Ohm/km
Capacitance
Nom. Capacitance Conductor to Conductor Nom. Capacitance Conductor to Other Conductor to Shield
100 pF/m
190 pF/m
Current
Element
Conductor(s)
Voltage
Voltage Rating [V]
300 V
Temperature Range


Similar Part No. - 9535ELW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
9535 PHILIPS-9535 Datasheet
139Kb / 19P
16-bit I2C and SMBus, low power I/O port with interrupt
2003 Jun 27
logo
List of Unclassifed Man...
9535 ETC2-9535 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation, overall Beldfoil
logo
Belden Inc.
9535 BELDEN-9535 Datasheet
236Kb / 2P
RS-232, #24-5c, SR-PVC, O/A Foil, PVC Jkt, CMG
logo
Keystone Electronics Co...
9535 KEYSTONE-9535 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
List of Unclassifed Man...
9535060100 ETC2-9535060100 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation, overall Beldfoil
More results

Similar Description - 9535ELW

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9503ELW BELDEN-9503ELW Datasheet
146Kb / 2P
RS-232, 3PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Cca
11-09-2022
9503NH BELDEN-9503NH Datasheet
149Kb / 3P
RS-232, 3PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V
12-20-2022
9536ELV BELDEN-9536ELV Datasheet
159Kb / 2P
RS-232, 6C #24 Str TC, PO ins, OS, LSZH Jkt, 300V, B2ca
12-20-2022
9536ELW BELDEN-9536ELW Datasheet
159Kb / 2P
RS-232, 6C #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Cca
11-09-2022
9536NH BELDEN-9536NH Datasheet
161Kb / 3P
RS-232, 6C #24 Str TC, PO ins, OS, LSZH Jkt, 300V
12-19-2022
9507NH BELDEN-9507NH Datasheet
166Kb / 3P
RS-232, 7PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
12-19-2022
9541NH BELDEN-9541NH Datasheet
163Kb / 3P
RS-232, 15C #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
12-19-2022
9505NH BELDEN-9505NH Datasheet
165Kb / 3P
RS-232, 5PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
12-19-2022
9534NH BELDEN-9534NH Datasheet
158Kb / 3P
RS-232, 4C #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
01-24-2023
9510NH BELDEN-9510NH Datasheet
166Kb / 3P
RS-232, 10PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V
12-09-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com