Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9729LS Datasheet(PDF) 1 Page - Belden Inc.

Part # 9729LS
Description  RS-232/422, 2PR #24 Str TC, PO ins, IF, LSNH Jkt, 300V, SWA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9729LS Datasheet(HTML) 1 Page - Belden Inc.

  9729LS Datasheet HTML 1Page - Belden Inc. 9729LS Datasheet HTML 2Page - Belden Inc. 9729LS Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 9729LS
RS-232/422, 2PR #24 Str TC, PO ins, IF, LSNH Jkt, 300V, SWA
Product Description
RS-232/422, 2 Pair AWG 24 Tinned Copper - Stranded, Polyolefin (PO, PE, PP) insulation, Individually Foiled + No Overall shielding, LSZH / FRNC jacket ,
300V, SWA
Technical Specifications
Product Overview
Suitable Applications:
Instrumentation and computer cable; For data transmission applications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Pairs
24
7x32
TC - Tinned Copper 2
Conductor Count:
4
Insulation
Material
Material Trade Name Nominal Diameter Diameter +/- Tolerance
PE - Polyethylene (Foam) Datalene®
1.55 mm
0.06 mm
Color Chart
Number
Color
Pair 1
Black & Red
Pair 2
Black & White
Table Notes:
Shielded pairs
Color Chart 2
Number Color
Pair 1
Red
Pair 2
Green
Inner Shield
Type
Material
Material Trade Name Thickness of Foil Drainwire Material
Drainwire AWG
Tape Bi-Laminate (Alum+Poly) Beldfoil® (Z-Fold®)
9 / 12 µm
TC - Tinned Copper AWG24/7
Inner Jacket
Material
Color
Nominal Diameter Min. Wall Thickness Min. Average Wall Thickness
LSZH - Low Smoke Zero Halogen (Flame
Retardant)
Chrome (RAL 7037) 7.9 mm
0.91 mm
1.10 mm
Outer Shield
Material
Bi-Laminate (Alum+Poly)
Outer Jacket
Material
Nominal Diameter Min. Wall Thickness Nominal Wall Thickness
LSZH - Low Smoke Zero Halogen (Flame Retardant) 12.5 mm
1.25 mm
1.35 mm


Similar Part No. - 9729LS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9729 ETC2-9729 Datasheet
101Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
logo
Belden Inc.
9729 BELDEN-9729 Datasheet
262Kb / 2P
RS232/422 Low Cap, #24-2pr, FPE, Indiv. Foil, PVC Jkt, CM, 100廓
logo
Time Electronics Ltd.
9729 TIME-ELECTRONICS-9729 Datasheet
1Mb / 2P
5011 Resistance and Temperature Calibrator
06/22
logo
List of Unclassifed Man...
9729060100 ETC2-9729060100 Datasheet
101Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
97290601000 ETC2-97290601000 Datasheet
101Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
More results

Similar Description - 9729LS

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8471LS BELDEN-8471LS Datasheet
225Kb / 3P
Electronic, 1PR #16 Str TC, PO ins, Unsh, LSNH Jkt, 300V, SWA
12-19-2022
8723LS BELDEN-8723LS Datasheet
220Kb / 3P
Electronic, 2PR #22 Str TC, PO ins, IF, LSNH Jkt, 300V, SWA
11-09-2022
8760LS BELDEN-8760LS Datasheet
149Kb / 3P
Electronic, 1PR #18 Str TC, PO ins, OS, LSNH Jkt, 300V, SWA
12-19-2022
9503NH BELDEN-9503NH Datasheet
149Kb / 3P
RS-232, 3PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V
12-20-2022
9536NH BELDEN-9536NH Datasheet
161Kb / 3P
RS-232, 6C #24 Str TC, PO ins, OS, LSZH Jkt, 300V
12-19-2022
9541NH BELDEN-9541NH Datasheet
163Kb / 3P
RS-232, 15C #24 Str TC, PO ins, OS, LSZH Jkt, 300V, Dca
12-19-2022
9502NH BELDEN-9502NH Datasheet
160Kb / 3P
RS-232, 2PR #24 Str TC, PO ins, OS, LSZH Jkt, 300 V
12-16-2022
9510NH BELDEN-9510NH Datasheet
166Kb / 3P
RS-232, 10PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V
12-09-2022
9842LVS BELDEN-9842LVS Datasheet
148Kb / 3P
RS-485, 2PR #24 Str TC, PO ins, F/B, LSNH Jkt, 300V, SWA, B2ca
12-16-2022
3076ELS BELDEN-3076ELS Datasheet
213Kb / 3P
Profibus PA, 1PR #18 Str TC, PO ins, OS, LSNH Jkt, 300V SWA
12-22-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com