Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP18U Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part # SRP18U
Description  Single Rectifier - 1,800V
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

SRP18U Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

  SRP18U Datasheet HTML 1Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14
www.voltagemultipliers.com
www.highvoltagepowersupplies.com
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
TEL.
559-651-1402
FAX
559-651-0740
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
r
e
b
m
u
N
t
r
a
Pg
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
tl
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
if
it
c
e
R
t
n
e
r
r
u
C
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
rI
(
d
r
a
w
r
o
F
e
g
a
tl
o
V
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
fI
(
e
v
it
it
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
fI
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
3
(
)
r
r
T
(
l
a
m
r
e
h
T
.
d
p
m
I
θ C-
J
n
o
it
c
n
u
J
.
p
a
C
C
D
V
4
@
z
H
k
5
2
@
)j
C
(
)
1
(
C
°
5
5)
2
(
C
°
0
0
1C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
2C
°
5
2C
°
5
2
s
tl
o
VA
mA
mA
µA
µs
tl
o
VA
ms
p
m
As
p
m
As
nW
/
C
°F
p
U
8
1
P
R
S0
0
8
10
.
0
10
.
50
1
0
.
00
0
.
50
.
40
0
10
.
25
.
00
70
0
10
.
2
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
(1)TC=55°C (2)TC=100°C (3)If=0.125A, Ir=0.25A, Irr=0.063A *Op. Temp.= -55°C to +150°C Stg. Temp.= -55°C to +175°C
Single Rectifier - 1,800V
10mA • 70ns
Plating: Gold Plating per MIL-G-
45204C, Type II, 10-15 µInches.
PRELIMINAR
Y


Similar Part No. - SRP18U

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SRP100 GE-SRP100 Datasheet
44Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
SRP100A GE-SRP100A Datasheet
44Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
SRP100A VISHAY-SRP100A Datasheet
71Kb / 4P
Fast Switching Plastic Rectifier
27-Oct-09
logo
Shenzhen Taychipst Elec...
SRP100A TAYCHIPST-SRP100A Datasheet
9Mb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
SUNMATE electronic Co.,...
SRP100A SUNMATE-SRP100A Datasheet
431Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
More results

Similar Description - SRP18U

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VBO68 IXYS-VBO68 Datasheet
178Kb / 1P
Single Phase Rectifier Bridge
logo
Voltage Multipliers Inc...
MD90FF18 VMI-MD90FF18 Datasheet
488Kb / 1P
DO-215 Style Rectifiers - 1,800V
MD90FF18J VMI-MD90FF18J Datasheet
482Kb / 1P
DO-214 Style Rectifiers - 1,800V
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
MIC GROUP RECTIFIERS
KBL005 MIC-KBL005 Datasheet
107Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
KBPC1005 MIC-KBPC1005 Datasheet
117Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N MIC-KBPC2505N Datasheet
103Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
KBPC6005 MIC-KBPC6005 Datasheet
120Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
W005M MIC-W005M Datasheet
102Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
W005MF MIC-W005MF Datasheet
108Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com