Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1990 Datasheet(PDF) 3 Page - ESS Technology,Inc

Part # ES1990
Description  Canyon3Dä2LE PCI Audio Accelerator Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES1990 Datasheet(HTML) 3 Page - ESS Technology,Inc

  ES1990 Datasheet HTML 1Page - ESS Technology,Inc ES1990 Datasheet HTML 2Page - ESS Technology,Inc ES1990 Datasheet HTML 3Page - ESS Technology,Inc ES1990 Datasheet HTML 4Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ESS Technology, Inc.
SAM0354-060801
3
ES1990 PRODUCT BRIEF
PIN DESCRIPTION
PIN DESCRIPTION
The ES1990 Canyon3D-2LE pinouts are listed and
described in Table 1.
Table 1
ES1990 Canyon3D-2LE Pin Descriptions
Names
Pin Numbers
I/O
Descriptions
C/BE[3:0]#
1, 13, 20, 30
I/O
PCI command/byte enable. During address phase of a transaction, these pins define the bus command. Dur-
ing data phase, these pins define the byte enable.
IDSEL
2
I
ID Select.
GND
3, 21, 40, 89
I
Digital ground.
AD[31:0]
4:11, 22:29,
31:38, 93:100
I/O
Address and data lines from the PCI bus.
VCC
12, 41, 53, 90
I
Digital supply voltage, 3.3V.
FRAME#
14
I/O
Cycle frame.
IRDY#
15
I/O
Initiator ready.
TRDY#
16
I/O
Target ready.
DEVSEL#
17
I/O
Device select.
STOP#
18
I/O
Stop transaction.
PAR
19
I/O
Parity.
ECS
39
O
EEPROM chip select. Connects to EEPROM chip select input pin. ECS is active after power-on reset and
goes inactive automatically after EEPROM cycle is complete.
GD[0]
42
I/O
Game port data input/output.
GD[1]
43
I/O
Game port data input/output.
EDOUT
O
EEPROM data output. Connects to EEPROM data input. EDOUT goes active after power-on reset and goes
inactive automatically after EEPROM cycle is complete.
GD[2]
44
I/O
Game port data input/output.
EDIN
I
EEPROM data input. Connects to EEPROM data output. EDIN goes active after power-on reset and goes
inactive automatically after EEPROM cycle is complete.
GD[3]
45
I/O
Game port data input/output.
ECLK
O
EEPROM clock. Connects to EEPROM clock input. ECLK goes active after power-on reset and goes inac-
tive automatically after EEPROM cycle is complete.
GD[4]
46
I
Game port data input.
GD[5:7]
47:49
I
Game port data input.
GPIO[15:13]
I/O
General-purpose input/output.
EAPD
50
O
External amplifier power down (active high).
PCREQ#
51
O
PC/PCI request output. Enable PCREQ# by setting PCI 50h [10:8].
GPIO7
I/O
General-purpose input/output.
NC
52
—
No connect.
SDI2
54
I
External AC-link serial data input. Select external codec by enabling Canyon3D_Base+38h [5].
GPIO8
I/O
General-purpose input/output.
OSCI
55
I
49.152-MHz crystal input.
OSCO
56
O
49.152-MHz crystal output.
SRESET2#
57
I
Resets output for AC-link interface. Select external codec by enabling Canyon3D_Base+38h [5].
SDFS2
58
O
Serial data frame sync output for AC-link interface. Select external codec by enabling Canyon3D_Base+38h
[5].
GPIO9
I/O
General-purpose input/output.
SCLK2
59
O
Serial clock for AC-link interface. Select external codec by enabling Canyon3D_Base+38h [5].
GPIO10
I/O
General-purpose input/output.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com