Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES1990 Datasheet(PDF) 1 Page - ESS Technology,Inc

Part # ES1990
Description  Canyon3Dä2LE PCI Audio Accelerator Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES1990 Datasheet(HTML) 1 Page - ESS Technology,Inc

  ES1990 Datasheet HTML 1Page - ESS Technology,Inc ES1990 Datasheet HTML 2Page - ESS Technology,Inc ES1990 Datasheet HTML 3Page - ESS Technology,Inc ES1990 Datasheet HTML 4Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ESS Technology, Inc.
SAM0354-060801
1
ESS Technology, Inc.
ES1990 Canyon3D
™2LE
PCI Audio Accelerator
Product Brief
DESCRIPTION
The ES1990 Canyon3D™2LE PCI audio accelerator
combines advanced audio functionality in a highly
integrated,
single-chip,
PCI
solution
for
advanced
multichannel PC audio. With key features, including
hardware acceleration, 3D audio support, and integrated
quad DAC AC‘97 codec, the Canyon3D-2LE will engulf
the user in a 3D world of sound when used with general
applications, digital music, or games.
The ES1990 combines the advantages of a high-
bandwidth PCI bus interface, proven Canyon3D digital
signal processing (DSP) hardware architecture, high-
fidelity quad DAC AC‘97 codec into a single-chip package
with external AC-link for additional future functionality. The
result is robust PC audio functionality, which features
digital mixing, sample rate conversion, realtime effects
processing,
multistream
DirectSound
®
hardware
acceleration, and head-related transfer function (HRTF)
filtering.
The 3D audio support and HRTF filtering are licensed
through Sensaura™ Ltd. The HRTF filtering is supported
for
2-
and
4-speaker
outputs,
using
MultiDrive
technology.
The
3D
audio
is
supported
through
DirectSound 3D, A3D 1.0, EAX 1.0, EAX 2.0, and I3DL2
advanced programming interfaces (APIs). Additional 3D
audio enhancements are available through MacroFX™,
EnvironmentalFX
™, and ZoomFX™.
The ES1990 meets PC99/PC2001 and Microsoft WHQL
specifications. Device drivers for the ES1990 are
optimized for use on the Microsoft Windows
® operating
systems and are designed specifically to take advantage
of new features available through Microsoft’s DirectX
® 8.
Operating at 3.3V digital and 5.0V analog, the ES1990 is
compliant with the Advanced Power Management (APM)
1.2, Advanced Configuration and Power Interface (ACPI)
2.0, and PCI Power Management Interface (PPMI) 1.1
specifications.
The ES1990 Canyon3D-2LE is available in an industry-
standard 100-pin low-profile quad flat pack (LQFP)
package.
FEATURES
• High-performance single-chip PCI audio acceleration
• Four-speaker analog output
• Integrated high-fidelity quad AC‘97 codec
• High-quality sample rate conversion and digital mixing
• External AC-Link interface
• Multistream DirectSound
®3D hardware acceleration
• Sensaura 3D positional audio
• Realtime effects processing
• Full legacy DOS game support, using TDMA, PC/PCI, or
DDMA hardware implementation methods
Power Management
• Compliance with APM 1.2, ACPI 2.0, and PPMI 1.1
• 3.3V digital operation with 5V-tolerant inputs
• 5.0V analog operation
Compatibility
• Supports PC DOS games and applications for
SoundBlaster
™ and SoundBlaster Pro
• Supports Microsoft Windows DirectSound
• Meets PC99/PC2001 and Windows Hardware Quality
Laboratory (WHQL) specifications
• Supports A3D 1.0, EAX 1.0, EAX 2.0, and I3DL2 API


Similar Part No. - ES1990

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES1908A ETC-ES1908A Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
ES1921 ETC-ES1921 Datasheet
125Kb / 4P
AC 97 Rev 2.1 Audio CODEC
ES1938 ETC1-ES1938 Datasheet
76Kb / 4P
PCI AudioDrive Solution Product Brief
ES1946 ETC-ES1946 Datasheet
86Kb / 4P
PCI AudioDrive Notebook Solution Product Brief
ES1946S ETC-ES1946S Datasheet
86Kb / 4P
PCI AudioDrive Notebook Solution Product Brief
More results

Similar Description - ES1990

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4560 NSC-LM4560 Datasheet
380Kb / 54P
Advanced PCI Audio Accelerator
logo
NXP Semiconductors
SAA7780 PHILIPS-SAA7780 Datasheet
348Kb / 70P
ThunderBird Q3D PCI Audio Accelerator
1999 Sep 30
SAA7785 PHILIPS-SAA7785 Datasheet
1Mb / 68P
ThunderBird Avenger PCI Audio Accelerator
1999 Nov 12
logo
Cirrus Logic
CS4610 CIRRUS-CS4610 Datasheet
446Kb / 29P
CrystalClear SoundFusion PCI Audio Accelerator
CS4630 CIRRUS-CS4630 Datasheet
526Kb / 38P
CrystalClear SoundFusion PCI Audio Accelerator
logo
List of Unclassifed Man...
ES1988 ETC-ES1988 Datasheet
54Kb / 6P
PCI Audio-Modem Accelerator Product Brief
logo
Cirrus Logic
CS4622 CIRRUS-CS4622 Datasheet
160Kb / 7P
CrystalClearTM SoundFusionTM PCI Audio Accelerator
logo
List of Unclassifed Man...
ES1938 ETC1-ES1938 Datasheet
76Kb / 4P
PCI AudioDrive Solution Product Brief
logo
Cirrus Logic
CS4614 CIRRUS-CS4614 Datasheet
221Kb / 24P
CrystalClear SoundFusion PCI Audio Accelerator
logo
ESS Technology,Inc
ES4810SAA ESS-ES4810SAA Datasheet
87Kb / 4P
Digital Audio Processor Product Brief
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com