Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2533 Datasheet(PDF) 16 Page - Motorola, Inc

Part # AN2533
Description  Standard Space Vector Modulation – 3 outputs version – XOR version TPU Function Set (svmStd3Xor)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

AN2533 Datasheet(HTML) 16 Page - Motorola, Inc

Back Button AN2533 Datasheet HTML 12Page - Motorola, Inc AN2533 Datasheet HTML 13Page - Motorola, Inc AN2533 Datasheet HTML 14Page - Motorola, Inc AN2533 Datasheet HTML 15Page - Motorola, Inc AN2533 Datasheet HTML 16Page - Motorola, Inc AN2533 Datasheet HTML 17Page - Motorola, Inc AN2533 Datasheet HTML 18Page - Motorola, Inc AN2533 Datasheet HTML 19Page - Motorola, Inc AN2533 Datasheet HTML 20Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AN2533/D
16
Standard SVM – 3 outputs version – XOR version TPU Function Set (svmStd3Xor)
MOTOROLA
Performance
There is one limitation. The absolute value of parameter move has to be less
than a quarter of the PWM period T.
NOTE:
Execution times do not include the time slot transition time (TST = 10 or 14 IMB
clocks)
Figure 7. svmStd3Xor_sync timing
prescaler
16-bit unsigned integer
The number of PWM periods per
synchronization pulse
– use in case of synchronized
prescalers change
presc_copy
16-bit unsigned integer
The number of PWM periods per
synchronization pulse
– use in case of asynchronized
prescalers change
Parameters written by TPU
Other parameters are just for TPU function inner use.
Table 12. svmStd3Xor_sync parameter description
Parameter
Format
Description
Table 13. svmStd3Xor_sync State Statistics
State
Max IMB Clock Cycles
RAM Accesses by TPU
INIT
12
5
S1
12
6
S2
8
3
S3
16
7
4
T
move
<
S1
S2
S3
S1
S2
center_time
T
center_time
T
center_time
T
S1
S2
S3
S1
S2
center_time
T
center_time
T
center_time
T
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com