Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2533 Datasheet(PDF) 17 Page - Motorola, Inc

Part # AN2533
Description  Standard Space Vector Modulation – 3 outputs version – XOR version TPU Function Set (svmStd3Xor)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

AN2533 Datasheet(HTML) 17 Page - Motorola, Inc

Back Button AN2533 Datasheet HTML 13Page - Motorola, Inc AN2533 Datasheet HTML 14Page - Motorola, Inc AN2533 Datasheet HTML 15Page - Motorola, Inc AN2533 Datasheet HTML 16Page - Motorola, Inc AN2533 Datasheet HTML 17Page - Motorola, Inc AN2533 Datasheet HTML 18Page - Motorola, Inc AN2533 Datasheet HTML 19Page - Motorola, Inc AN2533 Datasheet HTML 20Page - Motorola, Inc AN2533 Datasheet HTML 21Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AN2533/D
Detailed Function Description
MOTOROLA
Standard SVM – 3 outputs version – XOR version TPU Function Set (svmStd3Xor)
17
Figure 8. svmStd3Xor_sync state diagram
Resolver Reference
Signal for Standard
Space Vector
Modulation – 3
outputs version –
XOR version
(svmStd3Xor_res)
The svmStd3Xor_res TPU function uses information read from the
svmStd3Xor_R and svmStd3Xor_T functions, the actual PWM center times
and the PWM periods. This allows a signal to be generated, which tracks the
changes of the PWM period and is always synchronized with the PWM. The
resolver reference signal is a 50% duty-cycle signal with a period equal to
prescaler or synchronization channel presc_copy PWM periods (see next
paragraph). The low to high transition of the pulse can be adjusted by a
parameter, either negative or positive, to go a number of TCR1 TPU cycles
before or after the PWM period center time.
Figure 9. Resolver reference signal adjustment examples
S1
S2
S3
INIT
HSR = 10
S1
S2
S3
INIT
HSR = 10
center_time
T
center_time
T
center_time
T
|move|
move < 0
prescaler = 2
center_time
T
center_time
T
center_time
T
|move|
move > 0
prescaler = 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com