Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PW-100-48 Datasheet(PDF) 1 Page - Lin Eng. Inc.

Part # PW-100-48
Description  POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

PW-100-48 Datasheet(HTML) 1 Page - Lin Eng. Inc.

  PW-100-48 Datasheet HTML 1Page - Lin Eng. Inc. PW-100-48 Datasheet HTML 2Page - Lin Eng. Inc. PW-100-48 Datasheet HTML 3Page - Lin Eng. Inc. PW-100-48 Datasheet HTML 4Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
16245 Vineyard Blvd, Morgan Hill, CA 95037
Phone: (408) 919-0200 Fax: (408) 919-0201
Email: sales@linengineering.com
Email: techsupport@linengineering.com
www.linengineering.com
PW-100-48
PW-100-48
POWER SUPPLY
FEATURES
• Universal Input
• High EfyciencB
• Cuilt in PF3 3ircuit
• V000 O Isolation
• Single Mutputs
DMLEN GUDCER
MUTPUT OMNTA(E
MUTPUT 3URREGT XDA)
DIG. NMAL
SINGLE OUTPUT
PW-100-48
48 VDC
2.25 A
0A
NIGE
GEUTRAN
(RMUGL
Black
White
Green


Similar Part No. - PW-100-48

ManufacturerPart #DatasheetDescription
logo
Lin Eng. Inc.
PW-100-24 LINENGINEERING-PW-100-24 Datasheet
355Kb / 4P
POWER SUPPLY
More results

Similar Description - PW-100-48

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
Power Supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
Power Supply
80-LCCH LINKCOM-80-LCCH Datasheet
535Kb / 4P
Power Supply
300-LCVH LINKCOM-300-LCVH Datasheet
505Kb / 5P
Power Supply
DTW LINKCOM-DTW Datasheet
491Kb / 5P
Power Supply
HVO LINKCOM-HVO Datasheet
1Mb / 9P
Power Supply
logo
Pepperl+Fuchs Inc.
K26-STR-24VDC-2A PF-K26-STR-24VDC-2A Datasheet
1Mb / 4P
Power supply
FB9205C PF-FB9205C Datasheet
493Kb / 3P
Power supply
FB9215B2 PF-FB9215B2 Datasheet
501Kb / 3P
Power supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com