Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PW-100-48 Datasheet(PDF) 3 Page - Lin Eng. Inc.

Part # PW-100-48
Description  POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

PW-100-48 Datasheet(HTML) 3 Page - Lin Eng. Inc.

  PW-100-48 Datasheet HTML 1Page - Lin Eng. Inc. PW-100-48 Datasheet HTML 2Page - Lin Eng. Inc. PW-100-48 Datasheet HTML 3Page - Lin Eng. Inc. PW-100-48 Datasheet HTML 4Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Input Voltage Range
Input Current :
Frequency Range:
Inrush Current, typ:
Leakage Current
85-264 VAC
3.15 A/ 115 VAC
1.5A / 230V
Range:47-63 Hz
Cold Start 30A/ 115 VAC
< =1mA/ 240 VAC
OUTPUT SPECIFICATIONS
 
Voltage and Current
Load Reulation (0%-FL)
Line Regulation
Voltage Tolerance
Voltage Adjustment Range
Ripple/ Noise (max)
Over Voltage Protection
Overload Protection
Setup/ Rise/ Holdup
(230 VAC)
See Selection Chart
+/ - 0.5 %
+/ - 0.5%
+/ - 1-0%
2.16 ~ 26.4V
150mVp-p
Shutdown; Re-power on
105 ~ 150%, Constant 1 Limit
Auto Recovery
1s, 30ms at full load
GENERAL SPECIFICATIONS
 
Input-Out Isolation
Isolation Resistance
I/ P-O/P, I/P-G O/P-G:
EfKciency (3.3 V through 48V)
Switching Frenquency
Safety
EN60950
UL1950
I/ P-O/P: 300 VAC
I/ P-G: 1500 VAC
O/ P: 0.5#VAC
500VDC/ 100 Ohm
83% typ
135 #hz, (Kxed, typical)
TUV Fileb9758434
ULb E183223
ENVIROMENTAL SPECIFICATIONS
 
Oper. Temperature
Storage Temperature
Relative Humidity
Viºration
EMC
MTBF
-10 ~ +60*C
-20 to +85*C
10% to 95%, non-cond Y
10 ~ 500Hz, 2G 10min./ 1cycle,
Period for 60 min.
Each Axes
CISPR22 (EN55022)B,
EN61000-4-2,3,5,6,8,11
ENV50204
EN61000-3-2,-3
314,900 Hrs
PH"SICAL SPECIFICATIONS
 
Size
Contruction
Weight
3.0 x 8.7 x 1.6
Closed Frame
Weight 19.4 oz, (550g)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com