Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R701 Datasheet(PDF) 3 Page - Lin Eng. Inc.

Part # R701
Description  STEPPER DRIVER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R701 Datasheet(HTML) 3 Page - Lin Eng. Inc.

  R701 Datasheet HTML 1Page - Lin Eng. Inc. R701 Datasheet HTML 2Page - Lin Eng. Inc. R701 Datasheet HTML 3Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
36K
4
62K
5
120K
6
270K
7
OPEN
ELECTRICAL SPECIFICATIONS
• INPUT VOLTA+E: &24 to 80
• DRIVE CURRENT(PER PHASE): 0.3 to 2 Amps or 1 to 7 Amps
• ISOLATED INPUTS: Step Clock, Direction, Enable Q Disable
• STEP FREYUENCX (GAz): 200kHº
• STEPS PER REVOLUTION (1.8 GOTOR): 2000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com