Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R701 Datasheet(PDF) 1 Page - Lin Eng. Inc.

Part # R701
Description  STEPPER DRIVER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

R701 Datasheet(HTML) 1 Page - Lin Eng. Inc.

  R701 Datasheet HTML 1Page - Lin Eng. Inc. R701 Datasheet HTML 2Page - Lin Eng. Inc. R701 Datasheet HTML 3Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
16245 Vineyard Blvd, Morgan Hill, CA 95037
Phone: (408) 919-0200 Fax: (408) 919-0201
Email: sales@linengineering.com
Email: techsupport@linengineering.com
www.linengineering.com
R701
R701
STEPPER DRIVER
FEATURES AND BENEFITS
• 10 microstepping driver
• Optically isolated Step, Direction, and Dis-
able/Enable inputs
• Automatic Current Reduction
• Adjustable trimpot for noise and vibration
reduction
• Operates from 24 to 80 VDC
• Selectable Driver Peak Current Ranges: 1 to
7 Amps OR 0.3 to 2 Amps
• Low Power Dissipation from 1 to 12 Watts (1
to 7 Amps)
• Excellent sinusoidal current waveform for
smooth operation
• Low current ripple for low noise
• Low Cost
• High EfJciency
OPTIONS
ADMUSTABLE TRIGPOT
The potentiometer shown on the board can be rotated using a screwdriver. It’s recommended to rotate the motor at 0.25 RPS.
Then to adjust the potentiometer until there is the least amount of vibration and noise coming out of the motor. This will be
the position that the driver will perform smoothly with a given motor and power supply voltage.The adjustment will alter the
current waveform coming out of the driver and into the motor coils.
DIGENSION
Weight without cables: 3.8 oz


Similar Part No. - R701

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
R7010103 POWEREX-R7010103 Datasheet
646Kb / 6P
General Purpose Rectifier (300-550 Amperes Average 4400 Volts)
R7010104 POWEREX-R7010104 Datasheet
646Kb / 6P
General Purpose Rectifier (300-550 Amperes Average 4400 Volts)
R7010105 POWEREX-R7010105 Datasheet
646Kb / 6P
General Purpose Rectifier (300-550 Amperes Average 4400 Volts)
R7010203 POWEREX-R7010203 Datasheet
646Kb / 6P
General Purpose Rectifier (300-550 Amperes Average 4400 Volts)
R7010204 POWEREX-R7010204 Datasheet
646Kb / 6P
General Purpose Rectifier (300-550 Amperes Average 4400 Volts)
More results

Similar Description - R701

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEF3718 STMICROELECTRONICS-TEF3718 Datasheet
143Kb / 8P
STEPPER MOTOR DRIVER
Oct-1991
L6219R STMICROELECTRONICS-L6219R Datasheet
144Kb / 11P
STEPPER MOTOR DRIVER
May-2005
L6219R STMICROELECTRONICS-L6219R_06 Datasheet
232Kb / 16P
Stepper motor driver
22-Jun-2006
logo
Lin Eng. Inc.
R1025 LINENGINEERING-R1025 Datasheet
910Kb / 5P
STEPPER DRIVER
R208 LINENGINEERING-R208 Datasheet
1Mb / 3P
STEPPER DRIVER
R325P LINENGINEERING-R325P Datasheet
699Kb / 3P
STEPPER DRIVER
R325PE LINENGINEERING-R325PE Datasheet
778Kb / 3P
STEPPER DRIVER
R701P LINENGINEERING-R701P Datasheet
531Kb / 3P
STEPPER DRIVER
R710 LINENGINEERING-R710 Datasheet
1Mb / 4P
STEPPER DRIVER
R725 LINENGINEERING-R725 Datasheet
228Kb / 4P
STEPPER DRIVER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com