Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB485 Datasheet(PDF) 1 Page - Lin Eng. Inc.

Part # USB485
Description  CONVERTER CARD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

USB485 Datasheet(HTML) 1 Page - Lin Eng. Inc.

  USB485 Datasheet HTML 1Page - Lin Eng. Inc. USB485 Datasheet HTML 2Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16245 Vineyard Blvd, Morgan Hill, CA 95037
Phone: (408) 919-0200 Fax: (408) 919-0201
Email: sales@linengineering.com
Email: techsupport@linengineering.com
www.linengineering.com
USB485
USB485
CONVERTER CARD
FEATURES AND BENEFITS
• USB2.0, RS485 interface standard compliant
• 300bps-115.2Kbps
• Asynchronous Half Duplex (RS485)
Self-adaption
• drives up to 32 RS485 devices
• up to 2Km at the speed of 57.6 Kbps
• < 0.5W Power Consumption
FEATURES AND BENEFITS
USB to RS485 converter module can expand one RS485 asynchronous communication interface from a computer’s USB to
other RS485 devices.
• This module uses a PL2303 chip and an easy-to-install driver. 
• There are LED indicators on the module to show its working status: red for power, yellow for data sending, green for data
receiving, which is convenient for system debugging. 
• The baud rate of the module is 300bps-115.2kbps, and the RS485 transmission distance can be as far as 2km at the
speed of 57.6kbps; The module can drive up to 32 RS485 devices.
• RS485 line is equipped with lightning protection, which effectively ensures the load capacity and working stability of the
module.
CONNECTION DIAGRAM
Supporting Linux, Windows, Android, and Mac OS.


Similar Part No. - USB485

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB480 ETC-USB480 Datasheet
561Kb / 2P
USB 480 Power Protocol Analyzer
logo
Global Connector Techno...
USB4800 GCT-USB4800 Datasheet
193Kb / 2P
USB Type C Receptacle for USB 2.0, SMT, Horizontal, 3.50mm Elevated Top Mount, 16Pin
5th July 2022
USB4800-03-A GCT-USB4800-03-A Datasheet
193Kb / 2P
USB Type C Receptacle for USB 2.0, SMT, Horizontal, 3.50mm Elevated Top Mount, 16Pin
5th July 2022
More results

Similar Description - USB485

ManufacturerPart #DatasheetDescription
logo
CUI INC
UF224 CUI-UF224 Datasheet
488Kb / 4P
Converter Kit
logo
Faraday Technology
PI-002 FARADAY-PI-002 Datasheet
74Kb / 3P
CONVERTER CARD
PI-004 FARADAY-PI-004 Datasheet
74Kb / 3P
CONVERTER CARD
PO-001 FARADAY-PO-001 Datasheet
45Kb / 3P
CONVERTER CARD
PO-005 FARADAY-PO-005 Datasheet
45Kb / 3P
CONVERTER CARD
logo
Solid States Devices, I...
PM0006 SSDI-PM0006 Datasheet
113Kb / 2P
CONVERTER
PM0007 SSDI-PM0007 Datasheet
39Kb / 2P
CONVERTER
logo
Pepperl+Fuchs Inc.
VAZ-R4-R2 PF-VAZ-R4-R2 Datasheet
141Kb / 1P
Converter
logo
Lin Eng. Inc.
RS232KIT LINENGINEERING-RS232KIT Datasheet
638Kb / 4P
CONVERTER CARD
USB232 LINENGINEERING-USB232 Datasheet
215Kb / 2P
CONVERTER CARD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com