Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB485 Datasheet(PDF) 2 Page - Lin Eng. Inc.

Part # USB485
Description  CONVERTER CARD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINENGINEERING [Lin Eng. Inc.]
Direct Link  https://www.linengineering.com/
Logo LINENGINEERING - Lin Eng. Inc.

USB485 Datasheet(HTML) 2 Page - Lin Eng. Inc.

  USB485 Datasheet HTML 1Page - Lin Eng. Inc. USB485 Datasheet HTML 2Page - Lin Eng. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS
• Electrical Standard: USB2.0, RS485 interface standard compliant
• Transmission Rate: 300bps-115.2Kbps
• Working Mode: Asynchronous Half Duplex (RS485) Self-adaption
• Load Capacity: drive 32 RS485 devices
• Transmission Distance: up to 2Km at the speed of 57.6 Kbps (faster speed will shorten the distance)
• Power Consumption: 0.5W
• Dimension: about 85*23*14mm/3.35*0.91*0.55”



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com