Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB4L16M Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB4L16M
Description  2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L16M Datasheet(HTML) 2 Page - ON Semiconductor

  NB4L16M Datasheet HTML 1Page - ON Semiconductor NB4L16M Datasheet HTML 2Page - ON Semiconductor NB4L16M Datasheet HTML 3Page - ON Semiconductor NB4L16M Datasheet HTML 4Page - ON Semiconductor NB4L16M Datasheet HTML 5Page - ON Semiconductor NB4L16M Datasheet HTML 6Page - ON Semiconductor NB4L16M Datasheet HTML 7Page - ON Semiconductor NB4L16M Datasheet HTML 8Page - ON Semiconductor NB4L16M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NB4L16M
http://onsemi.com
2
Figure 2. Pin Configuration (Top View)
VCC NC VEE VEE
VCC VBB VEE VEE
VCC
Q
Q
VCC
VTD
D
D
VTD
56
7
8
16
15
14
13
12
11
10
9
1
2
3
4
NB4L16M
Exposed Pad (EP)
Table 1. PIN DESCRIPTION
Pin
Name
I/O
Description
1
VTD
−
Internal 50 W termination pin. See Table 4 (Note 1).
2
D
LVPECL, CML, HSTL,
LVCMOS, LVDS, LVTTL Input
Inverted differential input. Internal 36.5 kW to VCC and 73 kW to VEE
(Note 1).
3
D
LVPECL, CML, HSTL,
LVCMOS, LVDS, LVTTL Input
Noninverted differential input. Internal 73 kW to VCC and 36.5 kW to VEE
(Note 1).
4
VTD
−
Internal 50 W termination pin. See Table 4. (Note 1)
15
VBB
−
Internally generated reference voltage supply.
6
NC
No Connect pin. The No Connect (NC) pin is electrically connected to the
die and MUST be left open.
10
Q
CML Output
Noninverted differential output. Typically receiver terminated with 50 W
resistor to VCC.
11
Q
CML Output
Inverted differential output. Typically receiver terminated with 50 W resistor
to VCC.
7, 8, 13, 14
VEE
−
Negative supply voltage
5, 9, 12, 16
VCC
−
Positive supply voltage
−
EP
−
Exposed pad (EP). EP on the package bottom is thermally connected to the
die for improved heat transfer out of the package. The pad is not electrically
connected to the die, but is recommended to be soldered to VEE on the
PC Board.
1. In the differential configuration when the input termination pins (VTD, VTD) are connected to a common termination voltage and if no signal
is applied on D/D input then the device will be susceptible to self−oscillation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com