Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB4L16M Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB4L16M
Description  2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L16M Datasheet(HTML) 3 Page - ON Semiconductor

  NB4L16M Datasheet HTML 1Page - ON Semiconductor NB4L16M Datasheet HTML 2Page - ON Semiconductor NB4L16M Datasheet HTML 3Page - ON Semiconductor NB4L16M Datasheet HTML 4Page - ON Semiconductor NB4L16M Datasheet HTML 5Page - ON Semiconductor NB4L16M Datasheet HTML 6Page - ON Semiconductor NB4L16M Datasheet HTML 7Page - ON Semiconductor NB4L16M Datasheet HTML 8Page - ON Semiconductor NB4L16M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NB4L16M
http://onsemi.com
3
Table 2. ATTRIBUTES
Characteristics
Value
Input Default State Resistors
R1
R2
37.5 kW
73 kW
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 2 kV
> 200 V
> 1 kV
Moisture Sensitivity (Note 2)
Pb Pkg
Pb−Free Pkg
QFN−16
Level 1
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
157
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
2. For additional information, see Application Note AND8003/D.
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
Positive Power Supply
VEE = 0 V
6
V
VEE
Negative Power Supply
VCC = 0 V
−6
V
VI
Positive Input
Negative Input
VEE = 0 V
VCC = 0 V
VI = VCC
VI = VEE
6
−6
V
V
VINPP
Differential Input Voltage
|D − D|
|VCC − VEE|
V
IIN
Input Current Through RT (50 W Resistor)
Static
Surge
45
80
mA
mA
IOUT
Output Current
Continuous
Surge
25
50
mA
mA
IBB
VBB Sink/Source
± 0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient) (Note 3)
0 lfpm
500 lfpm
QFN−16
QFN−16
42
35
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
1S2P (Note 3)
QFN−16
4
°C/W
Tsol
Wave Solder
Pb
Pb−Free
265
265
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
3. JEDEC standard multilayer board − 1S2P (1 signal, 2 power) with 8 filled thermal vias under exposed pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com