Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

323-STFB Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 323-STFB
Description  Plug-in terminal strip Screw connection & socket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

323-STFB Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  323-STFB Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
323-STFB(-DS)
Plug-in terminal strip
Screw connection & socket
04.19
WECO | www.wecogroup.com
The plug-in terminal strip 323-STFB is available in 10 mm pitch with 2 to 12 poles.
It has one screw connection per pole and one plug connection for a terminal strip
with pins.
The cross-slotted socket of this version is jacketed with a spring sleeve which
provides good permanent contact to the male 322-STFS.
The wire protector of the “DS”-version reliably prevents damage to multi-wire
flexible conductors by the turning screw.
Part Numbers
No. of
poles
323-STFB
323-STFB-DS
Length
PU
2
32.822.012
52.822.011
18,00
430
3
33.822.012
53.822.011
28,00
650
4
34.822.012
54.822.011
38,00
870
5
35.822.012
55.822.011
48,00
1080
6
36.822.012
56.822.011
58,00
1300
7
37.822.012
57.822.011
68,00
1500
8
38.822.012
58.822.011
78,00
1700
9
39.822.012
59.822.011
88,00
60
10
40.822.012
60.822.011
98,00
50
11
41.822.012
61.822.011
108,00
50
12
42.822.012
62.822.011
118,00
50
General Information
Pitch
10 mm
No. of poles
2 - 12
Usable with
322-STFS(-DS)
Areas of application
Applications that require to easily open and close
not energised circuits.
Technical Data
Clamping Range
solid / flexible / AWG
without wire protector
0,75 - 6 mm² / 0,75 - 4 mm² / 18 - 10 AWG
with wire protector
0,5 - 4 mm² / 0,5 - 2,5 mm² / 20 - 12 AWG
Rated Cross Section
2,5 mm²
Wire Stripping Length
6 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
400 V
630 V
630 V
Rated Impulse Voltage
6 kV
6 kV
6 kV
Rated Insulation Voltage
450 acc. to EN 60998-1 [1]
Rated Current
16 A
Torque
0,5 Nm
Other specifications
Rated values apply to use in combination with
322-STFS(-DS) and insulated substrates.
Material
Moulding
PA, natural, V-2
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 100°C
Terminal Body
Nickel plated brass
Screw
M3; zinc plated steel, blue passivated
Wire protector
Tin plated tin bronze
Spring
Stainless steel strip
Approvals
Current [A]
Voltage [V]
Group
AWG
[Nm]
15
10
300
300
B
D,E
26 - 10
26 - 10
0,51 [2]
0,51 [2]
Options / Accessories
• Marking options on and between the screw guides
• Jumper 323-J
• Leading terminal body for the protective conductor pole
[1] with insulating base
[2] for 323-STFB-DS: 26 - 12 AWG


Similar Part No. - 323-STFB

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
323-000X APEX-ELECTRONICS-323-000X Datasheet
175Kb / 3P
Slotted Bits
323-00X APEX-ELECTRONICS-323-00X Datasheet
175Kb / 3P
Slotted Bits
logo
Hirose Electric
323-0788-1 40 HIROSE-323-0788-1 40 Datasheet
433Kb / 12P
Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
Oct.1.2018
323-0790-3 40 HIROSE-323-0790-3 40 Datasheet
433Kb / 12P
Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
Oct.1.2018
323-0791-6 40 HIROSE-323-0791-6 40 Datasheet
433Kb / 12P
Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.3mm, 2.4mm Mated Height
Oct.1.2018
More results

Similar Description - 323-STFB

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
302 WECO-302 Datasheet
128Kb / 1P
Socket terminal strip Screw connection
04.18
302-STB WECO-302-STB Datasheet
122Kb / 1P
Plug-in terminal strip Screw connection & socket
04.18
321-B WECO-321-B Datasheet
108Kb / 1P
Plug-in terminal strip Screw connection & socket
03.19
323 WECO-323 Datasheet
121Kb / 1P
Socket terminal strip Screw connection
05.18
324 WECO-324 Datasheet
163Kb / 1P
Socket terminal strip Screw connection
03.19
326 WECO-326 Datasheet
108Kb / 1P
Socket terminal strip Screw connection
01.19
327 WECO-327 Datasheet
167Kb / 1P
Socket terminal strip Screw connection
01.23
328 WECO-328 Datasheet
102Kb / 1P
Socket terminal strip Screw connection
02.20
329 WECO-329 Datasheet
91Kb / 1P
Socket terminal strip Screw connection
02.20
820 WECO-820 Datasheet
163Kb / 1P
Screw/plug-in terminal strip Screw/screwless connection
01.18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com