Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB6L14M Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB6L14M
Description  2.5 V/3.3 V 3.0 GHz Differential 1:4 CML Fanout Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L14M Datasheet(HTML) 2 Page - ON Semiconductor

  NB6L14M Datasheet HTML 1Page - ON Semiconductor NB6L14M Datasheet HTML 2Page - ON Semiconductor NB6L14M Datasheet HTML 3Page - ON Semiconductor NB6L14M Datasheet HTML 4Page - ON Semiconductor NB6L14M Datasheet HTML 5Page - ON Semiconductor NB6L14M Datasheet HTML 6Page - ON Semiconductor NB6L14M Datasheet HTML 7Page - ON Semiconductor NB6L14M Datasheet HTML 8Page - ON Semiconductor NB6L14M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NB6L14M
http://onsemi.com
2
Q3
VCC
Q0
Q0
VCC
IN
VREFAC
Q2
56
7
8
16
15
14
13
12
11
10
9
1
2
3
4
Exposed Pad (EP)
Figure 2. QFN−16 Pinout
(Top View)
GND
VT
IN
Q3
EN
Q2
Q1
Q1
Figure 3. Logic Diagram
Q0
/Q0
Q1
/Q1
Q2
/Q2
Q3
/Q3
Q
D
IN
50
W
50 W
VT
/IN
EN
VREFAC
CLK
Table 1. EN TRUTH TABLE
IN
IN
EN
Q0:Q3
Q0:Q3
0
1
x
1
0
x
1
1
0
0
1
0+
1
0
1+
+ = On next negative transition of the input signal (IN).
x = Don’t care.
Table 2. PIN DESCRIPTION
Pin
Name
I/O
Description
1
Q1
CML Output
Non−inverted Differential Output. Typically Terminated with 50 W Resistor to VCC.
2
Q1
CML Output
Inverted Differential Output. Typically Terminated with 50 W Resistor to VCC .
3
Q2
CML Output
Non−inverted Differential Output. Typically Terminated with 50 W Resistor to VCC.
4
Q2
CML Output
Inverted Differential Output. Typically Terminated with 50 W Resistor to VCC.
5
Q3
CML Output
Non−inverted Differential Output. Typically Terminated with 50 W Resistor to VCC.
6
Q3
CML Output
Inverted Differential Output. Typically Terminated with 50 W Resistor to VCC.
7
VCC
−
Positive Supply Voltage
8
EN
LVTTL/LVCMOS
Synchronous Output Enable. When LOW, Q outputs will go LOW and Q outputs will
go HIGH on the next negative transition of IN input. The internal DFF register is
clocked on the falling edge of IN input (see Figure 16). The EN pin has an internal
pullup resistor and defaults HIGH when left open.
9
IN
CML, CML, LVDS,
HSTL
Inverted Differential Clock Input. Internal 50 W Resistor to Termination Pin, VT.
10
VREFAC
Output Voltage Reference for capacitor−coupled inputs, only.
11
VT
Internal 100 W center−tapped Termination Pin for IN and IN.
12
IN
CML, CML, LVDS,
HSTL
Non−inverted Differential Clock Input. Internal 50 W Resistor to Termination Pin, VT.
13
GND
−
Negative Supply Voltage
14
VCC
−
Positive Supply Voltage
15
Q0
CML Output
Noninverted Differential Output. Typically Terminated with 50 W Resistor to VCC.
16
Q0
CML Output
Inverted Differential Output. Typically Terminated with 50 W Resistor to VCC.
−
EP
−
The Exposed Pad (EP) on the QFN−16 package bottom is thermally connected to the
die for improved heat transfer out of package. The exposed pad must be attached to
a heat−sinking conduit. The pad is not electrically connected to the die, but is
recommended to be electrically and thermally connected to GND on the PC board.
1. In the differential configuration when the input termination pin VT, is connected to a common termination voltage or left open, and if no signal
is applied on IN/IN inputs, then the device will be susceptible to self−oscillation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com