Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB6L14M Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB6L14M
Description  2.5 V/3.3 V 3.0 GHz Differential 1:4 CML Fanout Buffer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L14M Datasheet(HTML) 4 Page - ON Semiconductor

  NB6L14M Datasheet HTML 1Page - ON Semiconductor NB6L14M Datasheet HTML 2Page - ON Semiconductor NB6L14M Datasheet HTML 3Page - ON Semiconductor NB6L14M Datasheet HTML 4Page - ON Semiconductor NB6L14M Datasheet HTML 5Page - ON Semiconductor NB6L14M Datasheet HTML 6Page - ON Semiconductor NB6L14M Datasheet HTML 7Page - ON Semiconductor NB6L14M Datasheet HTML 8Page - ON Semiconductor NB6L14M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NB6L14M
http://onsemi.com
4
Table 5. DC CHARACTERISTICS, Multi−Level Inputs, CML Outputs
VCC = 2.375 V to 3.63 V, GND = 0 V, TA = −40°C to +85°C
Symbol
Characteristic
Min
Typ
Max
Unit
ICC
Power Supply Current (Inputs and Outputs Open)
80
100
130
mA
CML OUTPUT (Notes 4 and 5)
VOH
Output HIGH Voltage
VCC = 3.3 V
VCC = 2.5 V
VCC − 40
3260
1355
VCC − 10
3290
2490
VCC
3300
2500
mV
VOL
Output LOW Voltage
VCC = 3.3 V
VCC = 2.5 V
VCC − 500
2800
2000
VCC − 400
2900
2100
VCC − 300
3000
2200
mV
DIFFERENTIAL INPUT DRIVEN SINGLE−ENDED (See Figures 5 and 6)
Vth
Input Threshold Reference Voltage Range (Note 6)
1125
VCC − 75
mV
VIH
Single−Ended Input High Voltage
GND
VCC
mV
VIL
Single−Ended Input LOW Voltage
VEE
Vth − 75
mV
VISE
Single−Ended Input Voltage Amplitude (VIH − VIL)
150
2800
mV
VREFAC
VREFAC
Output Reference Voltage
VCC − 1525
VCC − 1425
VCC − 1325
mV
DIFFERENTIAL INPUTS DRIVEN DIFFERENTIALLY (See Figures 7 and 8) (Note 7)
VIHD
Differential Input HIGH Voltage
1200
VCC
mV
VILD
Differential Input LOW Voltage
GND
VIHD − 100
mV
VID
Differential Input Voltage (IN−IN) (VIHD−VILD)
100
2800
mV
VCMR
Input Common Mode Range (Differential Configuration)
(Note 8)
1150
VCC – 50
mV
IIH
Input HIGH Current IN/IN
(VT Open)
−10
50
mA
IIL
Input LOW Current IN/IN
(VT Open)
−50
10
mA
LVTTL/LVCMOS INPUT DC ELECTRICAL CHARACTERISTICS
VIH
Input HIGH Voltage
2.0
VCC
V
VIL
Input LOW Voltage
GND
0.8
V
IIH
Input HIGH Current, VCC = VIN = 3.63 V
−10
50
mA
IIL
Input LOW Current, VCC = 3.63 V, VIN = 0 V
−150
0
mA
TERMINATION RESISTORS
RTIN
Internal Input Termination Resistor (IN to VT)
40
50
60
W
RDIFF_IN
Differential Input Resistance (IN to IN)
80
100
120
W
RTOUT
Internal Output Termination Resistor
40
50
60
W
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
4. CML outputs loaded with 50 W to VCC for proper operation.
5. Input and output parameters vary 1:1 with VCC.
6. Vth is applied to the complementary input when operating in single−ended mode.
7. VIHD, VILD, VID and VCMR parameters must be complied with simultaneously.
8. VCMR minimum varies 1:1 with GND, VCMR max varies 1:1 with VCC. The VCMR range is referenced to the most positive side of the differential
input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com