Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB2305A Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB2305A
Description  3.3 V Zero Delay Clock Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2305A Datasheet(HTML) 2 Page - ON Semiconductor

  NB2305A Datasheet HTML 1Page - ON Semiconductor NB2305A Datasheet HTML 2Page - ON Semiconductor NB2305A Datasheet HTML 3Page - ON Semiconductor NB2305A Datasheet HTML 4Page - ON Semiconductor NB2305A Datasheet HTML 5Page - ON Semiconductor NB2305A Datasheet HTML 6Page - ON Semiconductor NB2305A Datasheet HTML 7Page - ON Semiconductor NB2305A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NB2305A
http://onsemi.com
2
Figure 1. Block Diagram
REF
PLL
CLKOUT
CLK1
CLK2
CLK3
CLK4
Figure 2. Pin Configuration
VDD
1
2
3
4
8
7
6
5
REF
CLK2
CLK1
GND
CLKOUT
CLK4
CLK3
NB2305A
Table 1. PIN DESCRIPTION
Pin #
Pin Name
Description
1
REF (Note1)
Input reference frequency, 5 V tolerant input.
2
CLK2 (Note 2)
Buffered clock output.
3
CLK1 (Note 2)
Buffered clock output.
4
GND
Ground.
5
CLK3 (Note 2)
Buffered clock output.
6
VDD
3.3 V supply.
7
CLK4 (Note 2)
Buffered clock output.
8
CLKOUT (Note 2)
Buffered clock output, internal feedback on this pin.
1. Weak pulldown.
2. Weak pulldown on all outputs.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com