Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB2305A Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB2305A
Description  3.3 V Zero Delay Clock Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2305A Datasheet(HTML) 3 Page - ON Semiconductor

  NB2305A Datasheet HTML 1Page - ON Semiconductor NB2305A Datasheet HTML 2Page - ON Semiconductor NB2305A Datasheet HTML 3Page - ON Semiconductor NB2305A Datasheet HTML 4Page - ON Semiconductor NB2305A Datasheet HTML 5Page - ON Semiconductor NB2305A Datasheet HTML 6Page - ON Semiconductor NB2305A Datasheet HTML 7Page - ON Semiconductor NB2305A Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NB2305A
http://onsemi.com
3
Table 2. MAXIMUM RATINGS
Parameter
Min
Max
Unit
Supply Voltage to Ground Potential
−0.5
+7.0
V
DC Input Voltage (Except REF)
−0.5
VDD + 0.5
V
DC Input Voltage (REF)
−0.5
7
V
Storage Temperature
−65
+150
°C
Maximum Soldering Temperature (10 sec)
260
°C
Junction Temperature
150
°C
Static Discharge Voltage (per MIL−STD−883, Method 3015)
>2000
V
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
Table 3. OPERATING CONDITIONS FOR COMMERCIAL AND INDUSTRIAL TEMPERATURE DEVICES
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
3.0
3.6
V
TA
Operating Temperature (Ambient Temperature)
Commercial
Industrial
0
−40
70
85
°C
CL
Load Capacitance, below 100 MHz
30
pF
CL
Load Capacitance, from 100 MHz to 133 MHz
10
pF
CIN
Input Capacitance
7
pF
Table 4. ELECTRICAL CHARACTERISTICS FOR COMMERCIAL AND INDUSTRIAL TEMPERATURE DEVICES
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW Voltage (Note 3)
0.8
V
VIH
Input HIGH Voltage (Note 3)
2.0
V
IIL
Input LOW Current
VIN = 0 V
50
mA
IIH
Input HIGH Current
VIN = VDD
100
mA
VOL
Output LOW Voltage
IOL = 8 mA (−1)
IOL = 12 mA (−1H)
0.4
V
VOH
Output HIGH Voltage
IOH = −8 mA (−1)
IOH = −12 mA (−1H)
2.4
V
IDD
Supply Current (Commercial Temp)
Unloaded outputs at 66.67 MHz,
Select inputs at VDD
34
mA
IDD
Supply Current (Industrial Temp)
Unloaded outputs at 100 MHz
66.67 MHz
33 MHz
Select inputs at VDD or GND, at Room
Temp
50
34
19
mA
3. REF input has a threshold voltage of VDD/2.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com