Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

820 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 820
Description  Screw/plug-in terminal strip Screw/screwless connection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

820 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  820 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
820(-DS)
Screw/plug-in terminal strip
Screw/screwless connection
01.18
WECO | www.wecogroup.com
''no flame'' after glow-wire test according to
Household Appliance DIN EN/IEC 60335-1
The terminal strip 820 with pitch 10 mm has a dual wire terminal connector on one
side. Here, the leads are inserted and clamped all the way to the stop. These
terminal strips are designed for solid conductors.
The opposite side is equipped with screw connections with rectangular clamping
spaces. The screws are ready to be wired, secured against self-loosening and
captive.
The wire protector of the “DS”-version reliably prevents damage to multi-wire
flexible conductors by the turning screw.
These terminals strips can be screw-mounted on a substrate.
Note: For the version without wire protector, flexible wires can only be connected
with a ferrule.
Part Numbers
No. of
poles
820
820-DS
Length
PU
1
11.815.202
31.815.202
8,50
4000
2
12.815.202
32.815.202
18,50
2000
3
13.815.202
33.815.202
28,50
1000
4
14.815.202
34.815.202
38,50
800
5
15.815.202
35.815.202
48,50
500
6
16.815.202
36.815.202
58,50
200
7
17.815.202
37.815.202
68,50
200
8
18.815.202
38.815.202
78,50
100
9
19.815.202
39.815.202
88,50
100
10
20.815.202
40.815.202
98,50
50
11
21.815.202
41.815.202
108,50
50
12
22.815.202
42.815.202
117,50
50
Part Numbers: "no flame" acc. to glow-wire test
No. of
poles
820
820-DS
Length
PU
2
32.815.202.EN6
18,50
2000
3
33.815.202.EN6
28,50
1000
4
34.815.202.EN6
38,50
800
6
36.815.202.EN6
58,50
200
7
37.815.202.EN6
68,50
200
8
38.815.202.EN6
78,50
100
12
42.815.202.EN6
117,50
50
further number of poles on request
General Information
Pitch
10 mm
No. of poles
1 - 12
Areas of application
Terminal for the quick connection of solid wires.
Technical Data
Clamping Range
solid / flexible / AWG
0,75 - 1,5 mm² / --- / 18 - 16 AWG [1]
without wire protector
0,75 - 6 mm² / 0,75 - 2,5 mm² / 18 - 12 AWG [2]
with wire protector
0,75 - 6 mm² / 0,75 - 2,5 mm² / 18 - 12 AWG [2]
Rated Cross Section
[1] 1,5 mm² / [2] 2,5 mm²
Wire Stripping Length
7 mm ± 0,5 mm
Overvoltage Category
3
2
2
Pollution Severity Level
III
III
II
Rated Voltage
320 V
320 V
630 V
Rated Impulse Voltage
4 kV
4 kV
4 kV
Rated Insulation Voltage
450 V acc. to EN 60998-1
Rated Current
[1] 17,5 A / [2] 24 A
Torque
0,8 Nm
Material
Moulding
PA, natural, V-2 (PA, white, V-0)
Details in brackets apply for "no flame" products
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 100°C
Terminal Body
Tin plated brass
Screw
M3,5; zinc plated steel, blue passivated
Wire protector
Stainless steel strip
Spring
Stainless steel strip
Approvals
Current [A]
Voltage [V]
Group
AWG
[Nm]
10
10
300
150
B
C
16-10 [3]
16-10 [3]
0,51
0,51
10
10
300
150
B,D
C
20-10 [3]
20-10 [3]
0,51
0,51
Current [A]
Voltage [V]
[mm²]
24
450
2,5/1,5
Options / Accessories
• Consecutive numbering
• Special marking according to drawing
• Self-adhesive marking strip BST-10,00
• Version with dovetail base (type 821)
[1] Plug connector
[2] Screw connector
[3] spring side 18 - 16 AWG solid


Similar Part No. - 820

ManufacturerPart #DatasheetDescription
logo
Littelfuse
820 LITTELFUSE-820 Datasheet
85Kb / 1P
Panel Mount, Shocksafe 5x20mm Fuses
logo
Productwell Precision E...
820 PRODUCTWELL-820 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
AiT Semiconductor Inc.
820 AITSEMI-820 Datasheet
817Kb / 4P
POWER INDUCTOR
820 AITSEMI-820 Datasheet
718Kb / 4P
WIRE WOUND SMD INDUCTOR
logo
Advanced Energy Industr...
820 ADVANCEDENERGY-820 Datasheet
186Kb / 4P
TREK 820 INFINITRON®
More results

Similar Description - 820

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
302-STB WECO-302-STB Datasheet
122Kb / 1P
Plug-in terminal strip Screw connection & socket
04.18
302-STS WECO-302-STS Datasheet
171Kb / 1P
Plug-in terminal strip Screw connection & pin
05.18
302-SV WECO-302-SV Datasheet
124Kb / 1P
Plug-in terminal strip Screw connection & pin
04.19
321-B WECO-321-B Datasheet
108Kb / 1P
Plug-in terminal strip Screw connection & socket
03.19
321-S WECO-321-S Datasheet
102Kb / 1P
Plug-in terminal strip Screw connection & pinV
05.19
322-D-SV WECO-322-D-SV Datasheet
92Kb / 1P
Plug-in terminal strip Screw connection, large conductor space
03.19
322-STFS WECO-322-STFS Datasheet
105Kb / 1P
Plug-in terminal strip Screw connection & pin
04.19
322-SV WECO-322-SV Datasheet
106Kb / 1P
Plug-in terminal strip Screw connection & pin
04.19
323-STFB WECO-323-STFB Datasheet
113Kb / 1P
Plug-in terminal strip Screw connection & socket
04.19
324-STFS WECO-324-STFS Datasheet
104Kb / 1P
Plug-in terminal strip Screw connection & pin
05.19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com