Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1822 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1822
Description  PWM, Step-Down DC-to-DC Controller with Margining and Tracking
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1822 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1822 Datasheet HTML 9Page - Analog Devices ADP1822 Datasheet HTML 10Page - Analog Devices ADP1822 Datasheet HTML 11Page - Analog Devices ADP1822 Datasheet HTML 12Page - Analog Devices ADP1822 Datasheet HTML 13Page - Analog Devices ADP1822 Datasheet HTML 14Page - Analog Devices ADP1822 Datasheet HTML 15Page - Analog Devices ADP1822 Datasheet HTML 16Page - Analog Devices ADP1822 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADP1822
Rev. B | Page 13 of 24
If the output voltage is precharged prior to turn-on, the
ADP1822 prevents reverse inductor current that would discharge
the output voltage. Once the voltage at SS exceeds the 0.6 V
regulation voltage, the reverse current is re-enabled to allow the
output voltage regulation to be independent of load current.
To override the soft start feature, leave SS unconnected. This
allows the output voltage to rise as quickly as possible and
eliminates the soft start period.
HIGH-SIDE DRIVER (BST AND DH)
Gate drive for the high-side power MOSFET is generated by a
flying capacitor boost circuit. This circuit allows the high-side
N-channel MOSFET gate to be driven above the input voltage,
allowing full enhancement of and a low voltage drop across the
MOSFET. The circuit is powered from a flying capacitor from
SW to BST that in turn is powered from the PVCC gate driver
voltage. When the low-side switch is turned on, SW is driven to
PGND, and the flying capacitor is charged from PVCC through
an external Schottky rectifier. The capacitor stores sufficient
charge to power BST to drive DH high and to fully enhance the
high-side N-channel MOSFET. Use a flying capacitor value
greater than 100× the high-side MOSFET input capacitance.
LOW-SIDE DRIVER (DL)
DL is the gate drive for the low-side power MOSFET synchronous
rectifier. Synchronous rectification reduces conduction losses
developed by a conventional rectifier by replacing it with a
low resistance MOSFET switch. DL turns on the synchronous
rectifier by driving the gate voltage to PVCC. The MOSFET is
turned off by driving the gate voltage to PGND.
An active dead time reduction circuit reduces the break-before-
make time of the switching to limit the losses due to current
flowing through the synchronous rectifier body diode or
external Schottky rectifier.
INPUT VOLTAGE RANGE
The ADP1822 takes its internal power from the VCC and
PVCC inputs. PVCC powers the low-side MOSFET gate drive
(DL), and VCC powers the internal control circuitry. Both of
these inputs are limited to between 3.0 V and 5.5 V. Bypass
PVCC to PGND with a 1 μF or greater capacitor. Bypass VCC
to GND with a 0.1 μF or greater capacitor.
The power input to the dc-to-dc converter can range between
1.2× the output voltage up to 24 V. Bypass the power input to
PGND with a suitably large capacitor. See the Selecting the
Input Capacitor section.
SETTING THE OUTPUT VOLTAGE
The output voltage is set using a resistive voltage divider from
the output to FB. The voltage divider drops the output voltage
to the 0.6 V FB regulation voltage to set the regulation output
voltage. The output voltage is set to voltages as low as 0.6 V and
as high as 85% of the minimum power input voltage (see the
Feedback Voltage Divider section).
SWITCHING FREQUENCY CONTROL
The ADP1822 has a logic-controlled frequency select input,
FREQ, that sets the switching frequency to 300 kHz or 600 kHz.
Drive FREQ low for 300 kHz and drive it high for 600 kHz.
The SYNC input is used to synchronize the converter switching
frequency to an external signal. The synchronization range is
300 kHz to 1.2 MHz. The acceptable synchronization frequency
range is limited to twice the nominal switching frequency set by
FREQ. For lower frequency synchronization, between 300 kHz
and 600 kHz, connect FREQ to GND. For higher frequency
synchronization, between 480 kHz and 1.2 MHz, connect FREQ
to VCC (see the Synchronizing the Converter section for more
information).
COMPENSATION
The control loop is compensated by an external series RC
network from COMP to FB and sometimes requires a series RC
in parallel with the top voltage divider resistor. COMP is the
output of the internal error amplifier.
The internal error amplifier compares the voltage at FB to the
internal 0.6 V reference voltage. The difference between the two
(the feedback voltage error) is amplified by the error amplifier. To
optimize the ADP1822 for stability and transient response for a
given set of external components and input/output voltage
conditions, choose the compensation components. For more
information on choosing the compensation components, see the
Compensating the Regulator section.
POWER-GOOD INDICATOR
The ADP1822 features an open-drain power-good output,
PWGD, that sinks current when the output voltage drops
8.3% below or 25% above the nominal regulation voltage. Two
comparators measure the voltage at FB to set these thresholds.
The PWGD output also sinks current if overtemperature or
input undervoltage conditions are detected. It is operational
with VCC voltage as low as 1.0 V.
Use this output as a simple power-good signal by connecting a
pull-up resistor from PWGD to an appropriate supply voltage.
SHUTDOWN CONTROL
The ADP1822 dc-to-dc converter features a low power shut-
down mode that reduces quiescent supply current to 1 μA. To
shut down the ADP1822, drive SHDN low. To turn it on, drive
SHDN high. For automatic startup, connect SHDN to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com