Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1822 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP1822
Description  PWM, Step-Down DC-to-DC Controller with Margining and Tracking
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1822 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP1822 Datasheet HTML 16Page - Analog Devices ADP1822 Datasheet HTML 17Page - Analog Devices ADP1822 Datasheet HTML 18Page - Analog Devices ADP1822 Datasheet HTML 19Page - Analog Devices ADP1822 Datasheet HTML 20Page - Analog Devices ADP1822 Datasheet HTML 21Page - Analog Devices ADP1822 Datasheet HTML 22Page - Analog Devices ADP1822 Datasheet HTML 23Page - Analog Devices ADP1822 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADP1822
Rev. B | Page 21 of 24
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-137AE
24
13
12
1
PIN 1
SEATING
PLANE
0.010
0.004
0.012
0.008
0.025
BSC
0.069
0.053
0.010
0.006
0.050
0.016
8°
0°
0.065
0.049
COPLANARITY
0.004
0.345
0.341
0.337
0.158
0.154
0.150
0.244
0.236
0.228
Figure 22. 24-Lead Shrink Small Outline Package [QSOP]
(RQ-24)
Dimensions shown in inches
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADP1822ARQZ-R7
–40°C to +85°C
24-Lead Shrink Small Outline Package (QSOP)
RQ-24
1
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com