Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G240 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G240
Description  Dual inverting buffer/line driver; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G240 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G240 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G240 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G240 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G240 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G240 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G240 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G240 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G240 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G240 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Nexperia
74LVC2G240
Dual inverting buffer/line driver; 3-state
Tamb = -40 °C to +85 °C
Tamb =
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
II
input leakage
current
VI = 5.5 V or GND;
VCC = 0 V to 5.5 V
-
±0.1
±1
-
±1
μA
IOZ
OFF-state output
current
VI = VIH or VIL;
VO = 5.5 V or GND; VCC = 3.6 V
-
±0.1
±2
-
±2
μA
IOFF
power-off
leakage current
VI or VO = 5.5 V; VCC = 0 V
-
±0.1
±2
-
±2
μA
ICC
supply current
VI = 5.5 V or GND; IO = 0 A;
VCC = 1.65 V to 5.5 V
-
0.1
4
-
4
μA
ΔICC
additional supply
current
per pin; VI = VCC - 0.6 V;
IO = 0 A; VCC = 2.3 V to 5.5 V
-
5
500
-
500
μA
CI
input
capacitance
-
2
-
-
-
pF
[1] Typical values are measured at VCC = 3.3 V and Tamb = 25 °C.
11. Dynamic characteristics
Table 8. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Fig. 5.
Tamb = -40 °C to +85 °C
Tamb =
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1]
Max
Min
Max
Unit
nA to nY; see Fig. 3
[2]
VCC = 1.65 V to 1.95 V
1.0
4.1
9.5
1.0
11.9
ns
VCC = 2.3 V to 2.7 V
0.5
2.6
5.2
0.5
6.5
ns
VCC = 2.7 V
1.0
3.0
5.5
1.0
6.9
ns
VCC = 3.0 V to 3.6 V
0.5
2.5
4.6
0.5
5.8
ns
tpd
propagation delay
VCC = 4.5 V to 5.5 V
0.5
2.0
4.0
0.5
5.0
ns
nOE to nY; see Fig. 4
[3]
VCC = 1.65 V to 1.95 V
1.5
4.5
10.3
1.5
12.9
ns
VCC = 2.3 V to 2.7 V
1.0
2.9
5.6
1.0
7.0
ns
VCC = 2.7 V
1.5
3.4
5.6
1.5
7.0
ns
VCC = 3.0 V to 3.6 V
0.5
2.5
4.7
0.5
5.9
ns
ten
enable time
VCC = 4.5 V to 5.5 V
0.5
2.0
3.8
0.5
4.8
ns
nOE to nY; see Fig. 4
[4]
VCC = 1.65 V to 1.95 V
1.0
3.5
11.6
1.0
14.1
ns
VCC = 2.3 V to 2.7 V
0.5
1.9
5.8
0.5
7.6
ns
VCC = 2.7 V
1.0
2.8
4.5
1.0
5.8
ns
VCC = 3.0 V to 3.6 V
1.0
2.7
4.4
1.0
5.7
ns
tdis
disable time
VCC = 4.5 V to 5.5 V
0.5
1.9
3.4
0.5
4.6
ns
74LVC2G240
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 12 — 1 June 2023
6 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com