Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G240 Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC2G240 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC2G240
Download  74LVC2G240 Download
File Size   284.36 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual inverting buffer/line driver; 3-state

74LVC2G240 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC2G240 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC2G240
Download  74LVC2G240 Click to download

File Size   284.36 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual inverting buffer/line driver; 3-state

74LVC2G240 Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC2G240 Product details

1. General description
The 74LVC2G240 is a dual inverting buffer/line driver with 3-state outputs. The 3-state outputs are
controlled by the output enable inputs 1OE and 2OE. A HIGH level at pins nOE causes the outputs
to assume a high-impedance OFF-state. Schmitt trigger action at all inputs makes the circuit highly
tolerant of slower input rise and fall times.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of the
74LVC2G240 as a translator in a mixed 3.3 V and 5 V environment.
It is fully specified for partial power-down applications using IOFF. The IOFF circuitry disables the
output, preventing a damaging backflow current through the device when it is powered down.
2. Features and benefits
• Wide supply voltage range from 1.65 V to 5.5 V
• 5 V tolerant input/output for interfacing with 5 V logic
• High noise immunity
• Complies with JEDEC standard:
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8-B/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• ±24 mA output drive (VCC = 3.0 V)
• CMOS low power consumption
• Latch-up performance exceeds 250 mA
• Direct interface with TTL levels
• Inputs accept voltages up to 5 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74LVC2G240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G240 PHILIPS-74LVC2G240 Datasheet
90Kb / 20P
Dual buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
2003 Mar 11
74LVC2G240 NXP-74LVC2G240 Datasheet
101Kb / 16P
Dual inverting buffer/line driver; 3-state
Rev. 04-29 February 2008
logo
Nexperia B.V. All right...
74LVC2G240-Q100 NEXPERIA-74LVC2G240-Q100 Datasheet
213Kb / 13P
Dual inverting buffer/line driver; 3-state
logo
NXP Semiconductors
74LVC2G240DC PHILIPS-74LVC2G240DC Datasheet
90Kb / 20P
Dual buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
2003 Mar 11
74LVC2G240DC NXP-74LVC2G240DC Datasheet
101Kb / 16P
Dual inverting buffer/line driver; 3-state
Rev. 04-29 February 2008
More results


Similar Description - 74LVC2G240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G240 NXP-74AUP2G240 Datasheet
116Kb / 20P
Low-power dual inverting buffer/line driver; 3-state
Rev. 04-30 June 2009
74LVC2G240 NXP-74LVC2G240 Datasheet
101Kb / 16P
Dual inverting buffer/line driver; 3-state
Rev. 04-29 February 2008
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
74AUP2G240 PHILIPS-74AUP2G240_15 Datasheet
298Kb / 25P
Low-power dual inverting buffer/line driver; 3-state
Rev. 8-24 January 2013
74HC_HCT366 PHILIPS-74HC_HCT366_15 Datasheet
150Kb / 21P
Hex buffer/line driver; 3-state; inverting
Rev. 4-4 September 2012
logo
Nexperia B.V. All right...
74LVC2G240-Q100 NEXPERIA-74LVC2G240-Q100 Datasheet
213Kb / 13P
Dual inverting buffer/line driver; 3-state
74AHCT240-Q100 NEXPERIA-74AHCT240-Q100 Datasheet
805Kb / 15P
Octal buffer/line driver; inverting 3-state
74LVC1G240 NEXPERIA-74LVC1G240 Datasheet
233Kb / 14P
Single inverting buffer/line driver; 3-state
Rev. 1 - 9 March 2022
74HC540 NEXPERIA-74HC540 Datasheet
268Kb / 15P
Octal buffer/line driver; 3-state; inverting
Rev. 6 - 19 October 2021
74AUP2G240 NEXPERIA-74AUP2G240 Datasheet
285Kb / 19P
Low-power dual inverting buffer/line driver; 3-state
Rev. 10 - 1 December 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com