Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G66 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G66
Description  Bilateral switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G66 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC2G66 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G66 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G66 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G66 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G66 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G66 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G66 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G66 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G66 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Nexperia
74LVC2G66
Bilateral switch
6. Pinning information
6.1. Pinning
74LVC2G66
1Y
VCC
1Z
1E
2E
2Z
GND
2Y
001aaa529
1
2
3
4
6
5
8
7
Fig. 4. Pin configuration SOT505-2 (TSSOP8) and
SOT765-1 (VSSOP8)
74LVC2G66
2Z
1E
VCC
2Y
2E
1Z
1Y
GND
001aaf567
3
6
2
7
1
8
4
5
Transparent top view
Fig. 5. Pin configuration SOT833-1 and
SOT1116 (XSON8)
6.2. Pin description
Table 3. Pin description
Symbol
Pin
Description
1Y
1
independent input or output
1Z
2
independent input or output
2E
3
enable input (active HIGH)
GND
4
ground (0 V)
2Y
5
independent input or output
2Z
6
independent input or output
1E
7
enable input (active HIGH)
VCC
8
supply voltage
7. Functional description
Table 4. Function table
H = HIGH voltage level; L = LOW voltage level.
Input nE
Switch
L
OFF-state
H
ON-state
74LVC2G66
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 13 — 9 September 2022
3 / 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com