Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G66 Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G66
Description  Bilateral switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G66 Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G66 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G66 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G66 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G66 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2G66 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G66 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2G66 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2G66 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC2G66 Datasheet HTML 16Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Nexperia
74LVC2G66
Bilateral switch
11.2. Additional dynamic characteristics
Table 12. Additional dynamic characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); Tamb = 25 °C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
RL = 10 kΩ; CL = 50 pF; fi = 1 kHz; see Fig. 18.
VCC = 1.65 V
-
0.032
-
%
VCC = 2.3 V
-
0.008
-
%
VCC = 3.0 V
-
0.006
-
%
VCC = 4.5 V
-
0.005
-
%
RL = 10 kΩ; CL = 50 pF; fi = 10 kHz; see Fig. 18.
VCC = 1.65 V
-
0.068
-
%
VCC = 2.3 V
-
0.009
-
%
VCC = 3.0 V
-
0.008
-
%
THD
total harmonic
distortion
VCC = 4.5 V
-
0.006
-
%
RL = 600 Ω; CL = 50 pF; see Fig. 19.
VCC = 1.65 V
-
135
-
MHz
VCC = 2.3 V
-
145
-
MHz
VCC = 3.0 V
-
150
-
MHz
VCC = 4.5 V
-
155
-
MHz
RL = 50 Ω; CL = 10 pF; see Fig. 19.
VCC = 1.65 V
-
200
-
MHz
VCC = 2.3 V
-
350
-
MHz
VCC = 3.0 V
-
410
-
MHz
VCC = 4.5 V
-
440
-
MHz
RL = 50 Ω; CL = 5 pF; see Fig. 19.
VCC = 1.65 V
-
> 500
-
MHz
VCC = 2.3 V
-
> 500
-
MHz
VCC = 3.0 V
-
> 500
-
MHz
f(-3dB)
-3 dB frequency
response
VCC = 4.5 V
-
> 500
-
MHz
RL = 600 Ω; CL = 50 pF; fi = 1 MHz; see Fig. 20.
VCC = 1.65 V
-
-46
-
dB
VCC = 2.3 V
-
-46
-
dB
VCC = 3.0 V
-
-46
-
dB
VCC = 4.5 V
-
-46
-
dB
RL = 50 Ω; CL = 5 pF; fi = 1 MHz; see Fig. 20.
VCC = 1.65 V
-
-37
-
dB
VCC = 2.3 V
-
-37
-
dB
VCC = 3.0 V
-
-37
-
dB
αiso
isolation
(OFF-state)
VCC = 4.5 V
-
-37
-
dB
74LVC2G66
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 13 — 9 September 2022
12 / 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com