Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2GU04 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74LVC2GU04
Description  Dual unbuffered inverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2GU04 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2GU04 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2GU04 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2GU04 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2GU04 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2GU04 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2GU04 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2GU04 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2GU04 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2GU04 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Nexperia
74LVC2GU04
Dual unbuffered inverter
12. Application information
Some applications are:
• Linear amplifier (see Fig. 11)
• In crystal oscillator design (see Fig. 12)
Remark: All values given are typical unless otherwise specified.
U04
R1
R2
VCC
ZL
mna052
1 µF
Vo(p-p) = VCC - 1.5 V centered at 0.5VCC.
GOL = open loop gain.
Au = voltage amplification.
R1 ≥ 3 kΩ, R2 ≤ 1 MΩ.
ZL > 10 kΩ; GOL = 20 (typical).
Typical unity gain bandwidth product is 5 MHz.
Fig. 11. Linear amplifier configuration
mna053
U04
out
R2
R1
C1
C2
C1 = 47 pF (typical).
C2 = 22 pF (typical).
R1 = 1 MΩ to 10 MΩ (typical).
R2 optimum value depends on the frequency
and required stability against changes in VCC
or average minimum ICC (ICC is typically 2 mA
when VCC = 3.3 V and f = 10 MHz).
Fig. 12. Crystal oscillator configuration
74LVC2GU04
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 13 — 20 January 2022
7 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com