Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2GU04 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74LVC2GU04
Description  Dual unbuffered inverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2GU04 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74LVC2GU04 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2GU04 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2GU04 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2GU04 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2GU04 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2GU04 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2GU04 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2GU04 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2GU04 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Nexperia
74LVC2GU04
Dual unbuffered inverter
4. Marking
Table 2. Marking codes
Type number
Marking [1]
74LVC2GU04GW
YD
74LVC2GU04GV
VU4
74LVC2GU04GM
YD
74LVC2GU04GN
YD
74LVC2GU04GS
YD
[1] The pin 1 indicator is located on the lower left corner of the device, below the marking code.
5. Functional diagram
1A
1Y
1
6
mnb106
2A
2Y
3
4
Fig. 1. Logic symbol
6
1
1
1
mnb107
4
3
Fig. 2. IEC logic symbol
mna636
A
Y
100 Ω
VCC VCC
Fig. 3. Logic diagram (one gate)
6. Pinning information
6.1. Pinning
74LVC2GU04
1A
1Y
GND
2A
2Y
001aab680
1
2
3
6
VCC
5
4
Fig. 4. Pin configuration
SOT363-2 (TSSOP6)
and SOT457 (SC-74; TSOP6)
74LVC2GU04
GND
001aab681
1A
2A
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6
Fig. 5. Pin configuration
SOT886 (XSON6)
74LVC2GU04
GND
001aag421
1A
2A
VCC
1Y
2Y
Transparent top view
2
3
1
5
4
6
Fig. 6. Pin configuration SOT1115
and SOT1202 (XSON6)
74LVC2GU04
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 13 — 20 January 2022
2 / 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com