Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45 Datasheet(PDF) 24 Page - Nexperia B.V. All rights reserved

Part # 74LVC2T45
Description  Dual supply translating transceiver; 3-state
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2T45 Datasheet(HTML) 24 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2T45 Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74LVC2T45 Datasheet HTML 21Page - Nexperia B.V. All rights reserved 74LVC2T45 Datasheet HTML 22Page - Nexperia B.V. All rights reserved 74LVC2T45 Datasheet HTML 23Page - Nexperia B.V. All rights reserved 74LVC2T45 Datasheet HTML 24Page - Nexperia B.V. All rights reserved 74LVC2T45 Datasheet HTML 25Page - Nexperia B.V. All rights reserved 74LVC2T45 Datasheet HTML 26Page - Nexperia B.V. All rights reserved 74LVC2T45 Datasheet HTML 27Page - Nexperia B.V. All rights reserved 74LVC2T45 Datasheet HTML 28Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Nexperia
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
13.2. Bidirectional logic level-shifting application
Fig. 15 shows the 74LVC2T45; 74LVCH2T45 being used in a bidirectional logic level-shifting
application. Since the device does not have an output enable pin, the system designer should take
precautions to avoid bus contention between system-1 and system-2 when changing directions.
001aai932
PULL-UP/DOWN
system-1
VCC(A)
1A
2A
GND
1
2
3
4
8
7
6
5
VCC(B)
1B
2B
DIR
74LVC2T45
74LVCH2T45
PULL-UP/DOWN
I/O-1
DIR CTRL
VCC1
I/O-2
DIR CTRL
VCC2
VCC1
VCC2
system-2
Pull-up or pull-down only needed for 74LVC2T45.
Fig. 15. Bidirectional logic level-shifting application
Table 17 gives a sequence that will illustrate data transmission from system-1 to system-2 and then
from system-2 to system-1.
Table 17. Description of bidirectional logic level-shifting application
H = HIGH voltage level;
L = LOW voltage level;
Z = high-impedance OFF-state.
State
DIR CTRL I/O-1
I/O-2
Description
1
H
output
input
system-1 data to system-2
2
H
Z
Z
system-2 is getting ready to send data to
system-1. I/O-1 and I/O-2 are disabled.
The bus-line state depends on bus hold
3
L
Z
Z
DIR bit is set LOW.
I/O-1 and I/O-2 still are disabled.
The bus-line state depends on bus hold
4
L
input
output
system-2 data to system-1
13.3. Power-up considerations
The device is designed such that no special power-up sequence is required other than GND being
applied first.
Table 18. Typical total supply current (ICC(A) + ICC(B))
VCC(B)
VCC(A)
0 V
1.8 V
2.5 V
3.3 V
5.0 V
Unit
0 V
0
< 1
< 1
< 1
< 1
μA
1.8 V
< 1
< 2
< 2
< 2
2
μA
2.5 V
< 1
< 2
< 2
< 2
< 2
μA
3.3 V
< 1
< 2
< 2
< 2
< 2
μA
5.0 V
< 1
2
< 2
< 2
< 2
μA
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 12 — 1 March 2023
24 / 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com