Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2T45 Datasheet(PDF) 17 Page - Nexperia B.V. All rights reserved

Part # 74LVC2T45
Description  Dual supply translating transceiver; 3-state
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2T45 Datasheet(HTML) 17 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2T45 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2T45 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2T45 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC2T45 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC2T45 Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74LVC2T45 Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74LVC2T45 Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74LVC2T45 Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74LVC2T45 Datasheet HTML 21Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Nexperia
74LVC2T45; 74LVCH2T45
Dual supply translating transceiver; 3-state
12. Typical propagation delay characteristics
CL (pF)
0
35
001aai907
14
tPHL
(ns)
0
2
4
6
8
10
12
5
10
15
20
25
30
(1)
(2)
(3)
(4)
(5)
(6)
a. HIGH to LOW propagation delay (A to B)
CL (pF)
0
35
001aai908
14
tPLH
(ns)
0
2
4
6
8
10
12
5
10
15
20
25
30
(1)
(2)
(3)
(4)
(5)
(6)
b. LOW to HIGH propagation delay (A to B)
CL (pF)
0
35
001aai909
14
tPHL
(ns)
0
2
4
6
8
10
12
5
10
15
20
25
30
(1)
(3)
(4)
(5)
(6)
(2)
c. HIGH to LOW propagation delay (B to A)
CL (pF)
0
35
001aai910
14
tPLH
(ns)
0
2
4
6
8
10
12
5
10
15
20
25
30
(1)
(5)
(6)
(3)
(4)
(2)
d. LOW to HIGH propagation delay (B to A)
(1) VCC(B) = 1.2 V.
(2) VCC(B) = 1.5 V.
(3) VCC(B) = 1.8 V.
(4) VCC(B) = 2.5 V.
(5) VCC(B) = 3.3 V.
(6) VCC(B) = 5.0 V.
Fig. 8. Typical propagation delay versus load capacitance; Tamb = 25 °C; VCC(A) = 1.2 V
74LVC_LVCH2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 12 — 1 March 2023
17 / 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com