Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC74AD Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC74AD
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC74AD Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC74AD Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Nexperia
74LVC74A
Dual D-type flip-flop with set and reset; positive-edge trigger
6. Functional description
Table 3. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care
Input
Output
nSD
nRD
nCP
nD
nQ
nQ
L
H
X
X
H
L
H
L
X
X
L
H
L
L
X
X
H
H
Table 4. Function table
H = HIGH voltage level; L = LOW voltage level;
↑ = LOW-to-HIGH transition; Qn+1 = state after the next LOW-to-HIGH CP transition
Input
Output
nSD
nRD
nCP
nD
nQn+1
nQ n+1
H
H
↑
L
L
H
H
H
↑
H
H
L
7. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+6.5
V
IIK
input clamping current
VI < 0 V
-50
-
mA
VI
input voltage
[1]
-0.5
+6.5
V
IOK
output clamping current
VO > VCC or VO < 0 V
-
±50
mA
VO
output voltage
[2]
-0.5
VCC + 0.5 V
IO
output current
VO = 0 V to VCC
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
-100
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
Tamb = -40 °C to +125 °C
[3]
-
500
mW
[1] The minimum input voltage ratings may be exceeded if the input current ratings are observed.
[2] The output voltage ratings may be exceeded if the output current ratings are observed.
[3] For SOT108-1 (SO14) package: Ptot derates linearly with 10.1 mW/K above 100 °C.
For SOT402-1 (TSSOP14) package: Ptot derates linearly with 7.3 mW/K above 81 °C.
For SOT762-1 (DHVQFN14) package: Ptot derates linearly with 9.6 mW/K above 98 °C.
74LVC74A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 9 — 20 August 2021
4 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com