Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC74AD Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74LVC74AD
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC74AD Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74LVC74AD Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC74AD Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Nexperia
74LVC74A
Dual D-type flip-flop with set and reset; positive-edge trigger
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Min
Max
Unit
ΔICC
additional
supply current
per input pin;
VCC = 2.7 V to 3.6 V;
VI = VCC - 0.6 V; IO = 0 A
-
5
500
-
5000
μA
CI
input
capacitance
VCC = 0 V to 3.6 V;
VI = GND to VCC
-
4.0
-
-
-
pF
[1] All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb = 25 °C.
10. Dynamic characteristics
Table 8. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Fig. 9.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Min
Max
Unit
nCP to nQ, nQ; see Fig. 7
[2]
VCC = 1.2 V
-
15
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.0
5.0
10.3
1.0
11.9
ns
VCC = 2.3 V to 2.7 V
1.8
2.9
5.8
1.8
6.7
ns
VCC = 2.7 V
1.0
2.7
6.0
1.0
7.5
ns
VCC = 3.0 V to 3.6 V
1.0
2.6
5.2
1.0
6.5
ns
nSD to nQ, nQ; see Fig. 8
VCC = 1.2 V
-
15
-
-
-
ns
VCC = 1.65 V to 1.95 V
0.5
4.0
10.6
0.5
12.2
ns
VCC = 2.3 V to 2.7 V
1.0
2.4
6.1
1.0
7.1
ns
VCC = 2.7 V
1.0
2.9
6.4
1.0
8.0
ns
VCC = 3.0 V to 3.6 V
1.0
2.2
5.4
1.0
7.0
ns
nRD to nQ, nQ; see Fig. 8
VCC = 1.2 V
-
15
-
-
-
ns
VCC = 1.65 V to 1.95 V
0.5
4.1
10.7
0.5
12.4
ns
VCC = 2.3 V to 2.7 V
1.0
2.4
6.1
1.0
7.1
ns
VCC = 2.7 V
1.0
3.0
6.4
1.0
8.0
ns
tpd
propagation
delay
VCC = 3.0 V to 3.6 V
1.0
2.2
5.4
1.0
7.0
ns
clock HIGH or LOW; see Fig. 7
VCC = 1.65 V to 1.95 V
5.0
-
-
5.0
-
ns
VCC = 2.3 V to 2.7 V
4.0
-
-
4.0
-
ns
VCC = 2.7 V
3.3
-
-
4.5
-
ns
VCC = 3.0 V to 3.6 V
3.3
1.3
-
4.5
-
ns
set or reset LOW; see Fig. 8
VCC = 1.65 V to 1.95 V
5.0
-
-
5.0
-
ns
VCC = 2.3 V to 2.7 V
4.0
-
-
4.0
-
ns
VCC = 2.7 V
3.3
-
-
4.5
-
ns
tW
pulse width
VCC = 3.0 V to 3.6 V
3.3
1.7
-
4.5
-
ns
74LVC74A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 9 — 20 August 2021
6 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com