Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC74APW Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 74LVC74APW
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC74APW Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  74LVC74APW Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Nexperia
74LVC74A
Dual D-type flip-flop with set and reset; positive-edge trigger
5. Pinning information
5.1. Pinning
74LVC74A
1RD
VCC
1D
2RD
1CP
2D
1SD
2CP
1Q
2SD
1Q
2Q
GND
2Q
001aad106
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 5. Pin configuration SOT108-1 (SO14) and
SOT402-1 (TSSOP14)
001aad107
74LVC74A
Transparent top view
1Q
2Q
1Q
2SD
1SD
2CP
1CP
2D
2RD
1D
GND(1)
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
(1) This is not a ground pin. There is no electrical or
mechanical requirement to solder the pad. In case
soldered, the solder land should remain floating or
connected to GND.
Fig. 6. Pin configuration for SOT762-1 (DHVQFN14)
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
1RD
1
asynchronous reset-direct input (active LOW)
1D
2
data input
1CP
3
clock input (LOW-to-HIGH, edge-triggered)
1SD
4
asynchronous set-direct input (active LOW)
1Q
5
true output
1Q
6
complement output
GND
7
ground (0 V)
2Q
8
complement output
2Q
9
true output
2SD
10
asynchronous set-direct input (active LOW)
2CP
11
clock input (LOW-to-HIGH, edge-triggered)
2D
12
data input
2RD
13
asynchronous reset-direct input (active LOW)
VCC
14
supply voltage
74LVC74A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 9 — 20 August 2021
3 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com