Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC74APW Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74LVC74APW
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC74APW Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC74APW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC74APW Datasheet HTML 16Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Nexperia
74LVC74A
Dual D-type flip-flop with set and reset; positive-edge trigger
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT762-1
MO-241
sot762-1_po
15-04-10
15-05-05
Unit
mm
max
nom
min
1
0.05
3.1 1.65 2.6
0.5
2
0.4
A(1)
Dimensions (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
DHVQFN14: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads;
14 terminals; body 2.5 x 3 x 0.85 mm
SOT762-1
A1
b
0.30
c
D(1)
Dh E(1) Eh
1.00
e
e1
k
k
L
v
0.1
w
y
0.02
0.2
3.0 1.50 2.5
0.1
0.25
0.05 0.05
y1
0.3
0.85
0.2
0.00
2.9 1.35 2.4
0.18
0.5
1.15
0
4 mm
2
scale
terminal 1
index area
A
A1
c
L
Eh
Dh
k
b
2
6
13
9
8
7
1
14
D
E
terminal 1
index area
e1
e
e
C
y
C
y1
A
C
B
v
C
w
detail X
A
B
X
Fig. 12. Package outline SOT762-1 (DHVQFN14)
74LVC74A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 9 — 20 August 2021
13 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com