Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2107ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP2107ACPZ-R7
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2107ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP2107ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP2107ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP2107ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP2107ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP2107ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP2107ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP2107ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP2107ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2107ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
ADP2105/ADP2106/ADP2107
Rev. 0 | Page 18 of 32
INPUT FILTER
The IN pin is the power source for the ADP2105/ADP2106/
ADP2107 internal circuitry, including the voltage reference and
current sense amplifier that are sensitive to power supply noise.
To prevent high frequency switching noise on the PWIN pins from
corrupting the internal circuitry of the ADP2105/ADP2106/
ADP2107, a low-pass RC filter should be placed between the IN
pin and the PWIN1 pin. The suggested input filter consists of
a small 0.1 μF ceramic capacitor placed between IN and AGND
and a 10 Ω resistor placed between IN and PWIN1. This forms
a 150 kHz low-pass filter between PWIN1 and IN that prevents
any high frequency noise on PWIN1 from coupling into the
IN pin.
SOFT START
The ADP2105/ADP2106/ADP2107 include soft start circuitry
to limit the output voltage rise time to reduce inrush current at
startup. To set the soft start period, connect a soft start capacitor
(CSS) from SS to AGND. The soft start period varies linearly
with the size of the soft start capacitor, as shown in the
following equation:
TSS = CSS × 109 ms
To get a soft start period of 1 ms, a 1 nF capacitor must be
connected between SS and AGND.
LOOP COMPENSATION
The ADP2105/ADP2106/ADP2107 utilize a transconductance
error amplifier to compensate the external voltage loop. The
open loop transfer function at angular frequency, s, is given by
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
OUT
REF
OUT
COMP
CS
m
V
V
sC
s
Z
G
G
s
H
)
(
)
(
where:
VREF is the internal reference voltage (0.8 V).
VOUT is the nominal output voltage.
ZCOMP(s) is the impedance of the compensation network at the
angular frequency, s.
COUT is the output capacitor.
Gm is the transconductance of the error amplifier (50 μA/V
nominal).
GCS is the effective transconductance of the current loop.
GCS = 1.875 A/V for the ADP2105.
GCS = 2.8125 A/V for the ADP2106.
GCS = 3.625 A/V for the ADP2107.
The transconductance error amplifier drives the compensation
network that consists of a resistor (RCOMP) and capacitor (CCOMP)
connected in series to form a pole and a zero, as shown in the
following equation:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛ +
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
=
COMP
COMP
COMP
COMP
COMP
COMP
sC
C
sR
sC
R
s
Z
1
1
)
(
At the crossover frequency, the gain of the open loop transfer
function is unity. This yields the following equation for the
compensation network impedance at the crossover frequency:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
=
REF
OUT
OUT
CS
m
CROSS
CROSS
COMP
V
V
C
G
G
F
F
Z
)
2
(
)
(
π
where:
FCROSS = 80 kHz, the crossover frequency of the loop.
COUTVOUT is determined from the Output Capacitor Selection
section.
To ensure that there is sufficient phase margin at the crossover
frequency, place the Compensator Zero at 1/4 of the crossover
frequency, as shown in the following equation:
1
4
)
π
2
(
=
⎟
⎠
⎞
⎜
⎝
⎛
COMP
COMP
CROSS
C
R
F
Solving the above two simultaneous equations yields the value
for the compensation resistor and compensation capacitor, as
shown in the following equation:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
REF
OUT
OUT
CS
m
CROSS
COMP
V
V
C
G
G
F
R
)
π
2
(
8
.
0
COMP
CROSS
COMP
R
F
C
π
2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com