Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2107ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2107ACPZ-R7
Description  1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2107ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP2107ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP2107ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP2107ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP2107ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP2107ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP2107ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP2107ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP2107ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP2107ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1 Amp/1.5 Amp/2 Amp Synchronous,
Step-Down DC-to-DC Converters
ADP2105/ADP2106/ADP2107
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Extremely high 97% efficiency
Ultralow quiescent current: 20 μA
1.2 MHz switching frequency
0.1 μA shutdown supply current
Maximum load current:
ADP2105: 1 A
ADP2106: 1.5 A
ADP2107: 2 A
Input voltage: 2.7 V to 5.5 V
Output voltage: 0.8 V to VIN
Maximum duty cycle: 100%
Smoothly transitions into low dropout (LDO) mode
Internal synchronous rectifier
Small 16-lead 4 mm × 4 mm LFCSP_VQ package
Optimized for small ceramic output capacitors
Enable/Shutdown logic input
Undervoltage lockout
Soft start
APPLICATIONS
Mobile handsets
PDAs and palmtop computers
Telecommunication/Networking equipment
Set top boxes
Audio/Video consumer electronics
GENERAL DESCRIPTION
The ADP2105/ADP2106/ADP2107 are low quiescent current,
synchronous, step-down dc-to-dc converters in a compact 4 mm ×
4 mm LFCSP_VQ package. At medium-to-high load currents,
these devices use a current-mode, constant-frequency pulse
width modulation (PWM) control scheme for excellent stability
and transient response. To ensure the longest battery life in
portable applications, the ADP2105/ADP2106/ADP2107 use a
pulse frequency modulation (PFM) control scheme under light
load conditions that reduces switching frequency to save power.
The ADP2105/ADP2106/ADP2107 run from input voltages of
2.7 V to 5.5 V, allowing single Li+/Li− polymer cell, multiple
alkaline/NiMH cells, PCMCIA, and other standard power sources.
The output voltage of ADP2105/ADP2106/ADP2107-ADJ is
adjustable from 0.8 V to the input voltage, while the ADP2105/
ADP2106/ADP2107-xx are available in preset output voltage
options of 3.3 V, 1.8 V, 1.5 V, and 1.2 V. Each of these variations is
available in three maximum current levels, 1 A (ADP2105), 1.5 A
(ADP2106), and 2 A (ADP2107). The power switch and synchro-
nous rectifier are integrated for minimal external part count
and high efficiency. During logic-controlled shutdown, the
input is disconnected from the output, and it draws less than
0.1 μA from the input source. Other key features include
undervoltage lockout to prevent deep-battery discharge and
programmable soft start to limit inrush current at startup.
TYPICAL PERFORMANCE CHARACTERISTICS
100
75
0
2000
LOAD CURRENT (mA)
95
90
85
80
200
400
600
800 1000 1200 1400 1600 1800
VIN =3.3V
VIN =3.6V
VIN =5V
VOUT =2.5V
Figure 1. Efficiency vs. Load Current for the ADP2107 with VOUT = 2.5 V
TYPICAL OPERATING CIRCUIT
ADP2107-ADJ
OFF
EN
SS
LX2
FB
PWIN1
AGND
OUTPUT VOLTAGE = 2.5V
COMP
ON
PGND
IN
GND
GND
GND
NC
GND
LX1
PWIN2
VIN
VIN INPUT VOLTAGE = 2.7V TO 5.5V
10μF
FB
1nF
70kΩ
120pF
1
2
3
4
12
11
10
9
16
15
14
13
5
6
7
8
2μH
4.7μF
LOAD
0A TO 2A
10μF
10μF
10Ω
0.1μF
NC = NO CONNECT
85kΩ
40kΩ
FB
Figure 2. Circuit Configuration of ADP2107 with VOUT = 2.5 V


Similar Part No. - ADP2107ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
ADP2107-1.8-EVALZ APEX-ADP2107-1.8-EVALZ Datasheet
1Mb / 10P
Evaluation Kit
Rev A
logo
Analog Devices
ADP2107 AD-ADP2107_15 Datasheet
1,000Kb / 36P
1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
REV. D
More results

Similar Description - ADP2107ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7554 INTERSIL-EL7554 Datasheet
499Kb / 14P
Monolithic 4 Amp DC-DC Step-Down Regulator
January 31, 2005
EL7564 INTERSIL-EL7564 Datasheet
644Kb / 17P
Monolithic 4 Amp DC/DC Step-Down Regulator
May 9, 2005
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
Monolithic 4 Amp DC-DC Step-Down Regulator
May 8, 2006
logo
Murata Power Solutions ...
OKI-78SR MURATA-PS-OKI-78SR Datasheet
482Kb / 10P
Fixed Output 1.5 Amp SIP DC/DC Converters
logo
Murata Manufacturing Co...
OKI-78SR MURATA-OKI-78SR Datasheet
429Kb / 10P
Fixed Output 1.5 Amp SIP DC/DC Converters
logo
Analog Devices
ADP2105 AD-ADP2105_15 Datasheet
1,000Kb / 36P
1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
REV. D
ADP2106 AD-ADP2106_15 Datasheet
1,000Kb / 36P
1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
REV. D
ADP2107 AD-ADP2107_15 Datasheet
1,000Kb / 36P
1 Amp/1.5 Amp/2 Amp Synchronous, Step-Down DC-to-DC Converters
REV. D
logo
Renesas Technology Corp
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
Monolithic 4 Amp DC/DC Step-Down Regulator
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
Monolithic 4 Amp DC/DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com